Electronic Components Datasheet Search
  English  ▼

X  

MAX1127 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1127
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1127 Datasheet HTML 1Page - Maxim Integrated Products MAX1127 Datasheet HTML 2Page - Maxim Integrated Products MAX1127 Datasheet HTML 3Page - Maxim Integrated Products MAX1127 Datasheet HTML 4Page - Maxim Integrated Products MAX1127 Datasheet HTML 5Page - Maxim Integrated Products MAX1127 Datasheet HTML 6Page - Maxim Integrated Products MAX1127 Datasheet HTML 7Page - Maxim Integrated Products MAX1127 Datasheet HTML 8Page - Maxim Integrated Products MAX1127 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Quad, 12-Bit, 65Msps, 1.8V ADC with
Serial LVDS Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 1.8V, GND = 0, external VREFIO = 1.24V, INTREF = AVDD, CREFIO to GND = 0.1µF,
fCLK = 65MHz (50% duty cycle), DT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 5.3MHz at -0.5dBFS
93.3
fIN = 19.3MHz at -0.5dBFS, TA ≥ +25°C
77.5
92
Spurious-Free Dynamic Range
(Note 2)
SFDR
fIN = 30.3MHz at -0.5dBFS
88.9
dBc
fIN = 5.3MHz at -0.5dBFS
-91
fIN = 19.3MHz at -0.5dBFS, TA ≥ +25°C
-91
-77.5
Total Harmonic Distortion (Note 2)
THD
fIN = 30.3MHz at -0.5dBFS
-88
dBc
Intermodulation Distortion
IMD
f1 = 12.348685MHz at -6.5dBFS,
f2 = 13.650845MHz at -6.5dBFS (Note 2)
91.2
dBc
Third-Order Intermodulation
IM3
(Note 2)
95.7
dBc
Aperture Jitter
tAJ
(Note 2)
<0.4
psRMS
Aperture Delay
tAD
(Note 2)
1
ns
Small-Signal Bandwidth
SSBW
Input at -20dBFS (Notes 2 and 4)
100
MHz
Full-Power Bandwidth
LSBW
Input at -0.5dBFS (Notes 2 and 4)
100
MHz
Output Noise
INP = IN_N
0.35
LSBRMS
Overdrive Recovery Time
tOR
RS = 25Ω, CS = 50pF
1
Clock
cycles
INTERNAL REFERENCE (INTREF = GND, bypass REFIO to GND with 0.1µF)
INTREF Internal Reference Mode
Enable Voltage
(Note 5)
0.1
V
INTREF Low-Leakage Current
200
µA
REFIO Output Voltage
VREFIO
1.18
1.24
1.30
V
Reference Temperature
Coefficient
TCREFIO
100
ppm/°C
EXTERNAL REFERENCE (INTREF = AVDD)
INTREF External Reference Mode
Enable Voltage
(Note 5)
AVDD -
0.1V
V
INTREF High-Leakage Current
200
µA
REFIO Input Voltage Range
1.24
V
REFIO Input Current
IREFIO
<1
µA
CLOCK INPUT (CLK)
Input High Voltage
VCLKH
0.8 x
CVDD
V
Input Low Voltage
VCLKL
0.2 x
CVDD
V
Clock Duty Cycle
50
%
Clock Duty-Cycle Tolerance
±30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com