Electronic Components Datasheet Search
  English  ▼

X  

PCI1510 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1510
Description  PC CARD CONTROLLERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1510 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCI1510 Datasheet HTML 2Page - Texas Instruments PCI1510 Datasheet HTML 3Page - Texas Instruments PCI1510 Datasheet HTML 4Page - Texas Instruments PCI1510 Datasheet HTML 5Page - Texas Instruments PCI1510 Datasheet HTML 6Page - Texas Instruments PCI1510 Datasheet HTML 7Page - Texas Instruments PCI1510 Datasheet HTML 8Page - Texas Instruments PCI1510 Datasheet HTML 9Page - Texas Instruments PCI1510 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
vi
Section
Title
Page
5.14
ExCA Memory Windows 0−4 Start-Address High-Byte Registers
5−14
. . .
5.15
ExCA Memory Windows 0−4 End-Address Low-Byte Registers
5−15
. . . .
5.16
ExCA Memory Windows 0−4 End-Address High-Byte Registers
5−15
. . .
5.17
ExCA Memory Windows 0−4 Offset-Address Low-Byte Registers
5−16
. .
5.18
ExCA Memory Windows 0−4 Offset-Address High-Byte Registers
5−16
.
5.19
ExCA Card Detect and General Control Register
5−17
. . . . . . . . . . . . . . . .
5.20
ExCA Global Control Register
5−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.21
ExCA I/O Windows 0 and 1 Offset-Address Low-Byte Registers
5−19
. . .
5.22
ExCA I/O Windows 0 and 1 Offset-Address High-Byte Registers
5−19
. . .
5.23
ExCA Memory Windows 0−4 Page Registers
5−19
. . . . . . . . . . . . . . . . . . .
6
CardBus Socket Registers
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Socket Event Register
6−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Socket Mask Register
6−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3
Socket Present-State Register
6−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.4
Socket Force Event Register
6−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.5
Socket Control Register
6−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.6
Socket Power-Management Register
6−8
. . . . . . . . . . . . . . . . . . . . . . . . . .
7
Electrical Characteristics
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
Absolute Maximum Ratings Over Operating Temperature Ranges
7−1
.
7.2
Recommended Operating Conditions
7−2
. . . . . . . . . . . . . . . . . . . . . . . . . .
7.3
Electrical Characteristics Over Recommended Operating
Conditions
7−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.4
PCI Clock/Reset Timing Requirements Over Recommended Ranges of
Supply Voltage and Operating Free-Air Temperature
7−3
. . . . . . . . . . . . .
7.5
PCI Timing Requirements Over Recommended Ranges of Supply
Voltage and Operating Free-Air Temperature
7−4
. . . . . . . . . . . . . . . . . . . .
8
Mechanical Information
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com