Electronic Components Datasheet Search
  English  ▼

X  

PCI1510 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1510
Description  PC CARD CONTROLLERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1510 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI1510 Datasheet HTML 9Page - Texas Instruments PCI1510 Datasheet HTML 10Page - Texas Instruments PCI1510 Datasheet HTML 11Page - Texas Instruments PCI1510 Datasheet HTML 12Page - Texas Instruments PCI1510 Datasheet HTML 13Page - Texas Instruments PCI1510 Datasheet HTML 14Page - Texas Instruments PCI1510 Datasheet HTML 15Page - Texas Instruments PCI1510 Datasheet HTML 16Page - Texas Instruments PCI1510 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
1−3
ru – read-only access with updates by the controller internal hardware
rw – read and write access
rcu – read access with the option to clear an asserted bit with a write-back of 1b including updates by
the controller internal hardware.
1.6
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
PCI1510
PC Card controller
3.3 V, 5-V tolerant I/Os
144-terminal LQFP
144-ball PBGA (GGU or ZGU)
209-ball PBGA (GVF or ZVF)
1.7
PCI1510 Data Manual Document History
DATE
PAGE NUMBER
REVISION
01/2003
2−23
Modified terminal number of CAD30 from 143 to 142 for PGE package
01/2003
3−2
Added new subsection 3.4.1 to describe GRST during power up
01/2003
3−11
Modified byte-read diagram (Figure 3−12) to better reflect a read transaction to the EEPROM
01/2003
3−20
Modified the description of the power management capabilities register. This register is not a static
read-only register.
08/2003
1−3
Added lead-free (Pb, atomic number 82) MicroStar BGA
 package (ZGU) to ordering information
08/2003
2−1
Added description for ZGU package
08/2003
8−4
Added ZGU mechanical drawing
10/2003
1−1
Added GVF package to features
10/2003
1−3
Added GVF package to ordering information
10/2003
2−8
Added GVF terminal descriptions, Table 2−3
10/2003
8−2
Added GVF mechanical drawing.
07/2004
Chapters 1, 2, 8
Added RGVF, RZVF, and ZVF packages and pinout.
12/2004
Chapters 1, 2, 8
Removed RGVF and RZVF packages and pinout.
Added Section 1.5, Document Conventions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com