Electronic Components Datasheet Search
  English  ▼

X  

PCI1510 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1510
Description  PC CARD CONTROLLERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1510 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI1510 Datasheet HTML 73Page - Texas Instruments PCI1510 Datasheet HTML 74Page - Texas Instruments PCI1510 Datasheet HTML 75Page - Texas Instruments PCI1510 Datasheet HTML 76Page - Texas Instruments PCI1510 Datasheet HTML 77Page - Texas Instruments PCI1510 Datasheet HTML 78Page - Texas Instruments PCI1510 Datasheet HTML 79Page - Texas Instruments PCI1510 Datasheet HTML 80Page - Texas Instruments PCI1510 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
4−17
Table 4−8. Multifunction Routing Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
7−4
MFUNC1
RW
Multifunction terminal 1 configuration. These bits control the internal signal mapped to the MFUNC1 terminal
as follows:
NOTE: When the serial bus mode is implemented by pulling up the VCCD0 and VCCD1 terminals, the
MFUNC1 terminal provides the SDA signaling.
0000 = GPI1†
0100 = IRQ4
1000 = CAUDPWM
1100 = LED_SKT
0001 = GPO1
0101 = IRQ5
1001 = IRQ9
1101 = IRQ13
0010 = D3_STAT
0110 = ZVSTAT
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = ZVSEL0
1011 = IRQ11
1111 = IRQ15
3−0
MFUNC0
RW
Multifunction terminal 0 configuration. These bits control the internal signal mapped to the MFUNC0 terminal
as follows:
0000 = GPI0†
0100 = IRQ4
1000 = CAUDPWM
1100 = LED_SKT
0001 = GPO0
0101 = IRQ5
1001 = IRQ9
1101 = IRQ13
0010 = INTA
0110 = ZVSTAT
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = ZVSEL0
1011 = IRQ11
1111 = IRQ15
† Default value
4.31 Retry Status Register
The retry status register enables the retry timeout counters and displays the retry expiration status. The flags are set
when the controller retries a PCI or CardBus master request and the master does not return within 215 PCI clock
cycles. The flags are cleared by writing a 1b to the bit. These bits are expected to be incorporated into the PCI
command, PCI status, and bridge control registers by the PCI SIG. See Table 4−9 for a complete description of the
register contents.
Bit
7
6
5
4
3
2
1
0
Default
1
1
0
0
0
0
0
0
Register:
Retry status
Offset:
90h
Type:
Read-only, Read/Write, Read/Clear
Default:
C0h
Table 4−9. Retry Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
PCIRETRY
RW
PCI retry timeout counter enable. Bit 7 is encoded:
0 = PCI retry counter disabled
1 = PCI retry counter enabled (default)
6
CBRETRY
RW
CardBus retry timeout counter enable. Bit 6 is encoded:
0 = CardBus retry counter disabled
1 = CardBus retry counter enabled (default)
5
TEXP_CBB
RC
CardBus target B retry expired. Write a 1b to clear bit 5.
0 = Inactive (default)
1 = Retry has expired
4
RSVD
R
Reserved. Bit 4 returns 0b when read.
3
TEXP_CBA
RC
CardBus target A retry expired. Write a 1b to clear bit 3.
0 = Inactive (default)
1 = Retry has expired
2
RSVD
R
Reserved. Bit 2 returns 0b when read.
1
TEXP_PCI
RC
PCI target retry expired. Write a 1b to clear bit 1.
0 = Inactive (default)
1 = Retry has expired
0
RSVD
R
Reserved. Bit 0 returns 0b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com