Electronic Components Datasheet Search
  English  ▼

X  

PCI1510 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1510
Description  PC CARD CONTROLLERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1510 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1510 Datasheet HTML 25Page - Texas Instruments PCI1510 Datasheet HTML 26Page - Texas Instruments PCI1510 Datasheet HTML 27Page - Texas Instruments PCI1510 Datasheet HTML 28Page - Texas Instruments PCI1510 Datasheet HTML 29Page - Texas Instruments PCI1510 Datasheet HTML 30Page - Texas Instruments PCI1510 Datasheet HTML 31Page - Texas Instruments PCI1510 Datasheet HTML 32Page - Texas Instruments PCI1510 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
2−15
2.2
Terminal Descriptions
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.
Table 2−6. Power Supply Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PGE
GGU
GVF
I/O
DESCRIPTION
GND
8, 21, 40,
60, 80, 93,
112, 132
A02, A11, D01,
F13, H04, K08,
M13, N02
A07, A10, A15,
E01, G19, K01,
K19, N01, P19,
W06
Device ground terminals
VCC
12, 32, 54,
70, 104,
126, 137
A07, C13, D05,
E01, M01, N07,
N11
A05, A08, A13,
E19, G01, H19,
L19, M01, R01,
W08
Power supply terminals for I/O and internal voltage regulator
VCCCB
109
B11
A11, G14
Clamp voltage for PC Card interface. Matches card signaling
environment, 5 V or 3.3 V
VCCP
36
L03
L01, W05
Clamp voltage for PCI and miscellaneous I/O, 5 V or 3.3 V
VR_EN
125
D04
H05
I
Internal voltage regulator enable. Active-low
VR_PORT
62
L08
G02, L18
Internal voltage regulator input/output. When VR_EN is low, the
regulator is enabled and this terminal is an output. An external
bypass capacitor is required on this terminal. When VR_EN is high,
the regulator is disabled and this terminal is an input for an external
2.5-V core power source.
Table 2−7. PC Card Power Switch Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PGE
GGU
GVF
I/O
DESCRIPTION
VCCD0
VCCD1
73
74
N13
L12
E06
B05
O
Logic controls to the TPS2211A PC Card power interface switch to control AVCC
VPPD0
VPPD1
71
72
K09
M11
A04
C05
O
Logic controls to the TPS2211A PC Card power interface switch to control AVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com