Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 170 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 166Page - Texas Instruments DM505LRBABF Datasheet HTML 167Page - Texas Instruments DM505LRBABF Datasheet HTML 168Page - Texas Instruments DM505LRBABF Datasheet HTML 169Page - Texas Instruments DM505LRBABF Datasheet HTML 170Page - Texas Instruments DM505LRBABF Datasheet HTML 171Page - Texas Instruments DM505LRBABF Datasheet HTML 172Page - Texas Instruments DM505LRBABF Datasheet HTML 173Page - Texas Instruments DM505LRBABF Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 290 page
background image
mmc_clk
mmc_cmd
mmc_dat[3:0]
SDR251
SDR252L
SDR252H
SDR255
SDR256
SDR255
SDR256
SPRS91v_MMC_08
mmc_clk
mmc_cmd
mmc_dat[3:0]
SDR254
SDR258
SDR253
SDR257
SDR251
SDR252H
SDR252L
SPRS91v_MMC_07
170
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) i in [i:0] = 3
Table 5-75. Switching Characteristics for MMC - SDR25 Mode (2)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR251
fop(clk)
Operating frequency, mmc_clk
48
MHz
SDR252
H
tw(clkH)
Pulse duration, mmc_clk high
0.5*P-
0.270
(1)
ns
SDR252L tw(clkL)
Pulse duration, mmc_clk low
0.5*P-
0.270
(1)
ns
SDR255
td(clkL-cmdV)
Delay time, mmc_clk falling clock edge to mmc_cmd transition
-8.8
6.6
ns
SDR256
td(clkL-dV)
Delay time, mmc_clk falling clock edge to mmc_dat[i:0] transition
-8.8
6.6
ns
(1) P = output mmc_clk period in ns
(2) i in [i:0] = 3
Figure 5-55. MMC/SD/SDIOj in - SDR25 - Receiver Mode
Figure 5-56. MMC/SD/SDIOj in - SDR25 - Transmiter Mode
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-76.
In Table 5-76 are presented the specific groupings of signals (IOSET) for use with MMC.
Table 5-76. MMC IOSETs
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
mmc_clk
C16
5
W16
5
B18
5
mmc_cmd
C17
5
V16
5
C18
5
mmc_dat0
E16
5
U15
5
A19
5
mmc_dat1
D16
5
V15
5
B20
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com