Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 174 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 170Page - Texas Instruments DM505LRBABF Datasheet HTML 171Page - Texas Instruments DM505LRBABF Datasheet HTML 172Page - Texas Instruments DM505LRBABF Datasheet HTML 173Page - Texas Instruments DM505LRBABF Datasheet HTML 174Page - Texas Instruments DM505LRBABF Datasheet HTML 175Page - Texas Instruments DM505LRBABF Datasheet HTML 176Page - Texas Instruments DM505LRBABF Datasheet HTML 177Page - Texas Instruments DM505LRBABF Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 290 page
background image
TRACECLK
TRACECTL
TRACEDATA[X:0]
TPIU4
TPIU4
TPIU2
TPIU1
TPIU3
TPIU5
TPIU5
SPRS91v_TPIU_01
174
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-82. Switching Characteristics for TPIU
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
TPIU1
tc(clk)
Cycle time, TRACECLK period
5.56
ns
TPIU4
td(clk-ctlV)
Skew time, TRACECLK transition to TRACECTL transition
-1.61
1.98
ns
TPIU5
td(clk-dataV)
Skew time, TRACECLK transition to TRACEDATA[17:0] transition
-1.61
1.98
ns
(1) P = TRACECLK period in ns
(2) The listed pulse duration is a typical value
Figure 5-59. TPIU—PLL DDR Transmit Mode(1)
(1) In d[X:0], X is equal to 15 or 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com