Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 176 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 172Page - Texas Instruments DM505LRBABF Datasheet HTML 173Page - Texas Instruments DM505LRBABF Datasheet HTML 174Page - Texas Instruments DM505LRBABF Datasheet HTML 175Page - Texas Instruments DM505LRBABF Datasheet HTML 176Page - Texas Instruments DM505LRBABF Datasheet HTML 177Page - Texas Instruments DM505LRBABF Datasheet HTML 178Page - Texas Instruments DM505LRBABF Datasheet HTML 179Page - Texas Instruments DM505LRBABF Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 290 page
background image
SPRS916_Intro_001
JTAG
PLLs
OSC
Memory Controllers
GPMC 8b/16b
with up to 16b ECC
LPDDR2 / DDR2/
DDR3 / DDR3L
32b with 8b ECC
Timer x8
Mailbox/Spinlock
10-bit ADC
Control Module
EDMA
GPIO x4
PWMSSx1
MMUx1
PRCM
System
I2C x2
SPI x4
QSPI x1
SDIO x1
DCAN with ECC
UART x3
McASP x3
Serial Interfaces
GMAC
Connectivity
EDMA 2TC
L2
256KB
Cache
C66x
L1D 32KB
L1P 32KB
DSP Subsystem x2
Video Input Port
CAL
LVDSRX
CSI2
ISP
Video Front End
up to 512KB RAM
with ECC
IPU with ECC
Dual Cortex M4
32KB ROM
EVE 16MAC
EDMA 2TC
Vision
Accelerator
OSD
Resizing
CSC
SD-DAC
DVOUT
Display
Subsystem
Interconnect
DM505
Copyright © 2016, Texas Instruments Incorporated
MCAN(CAN-FD)
with ECC
176
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 6-1. DM505 Block Diagram
6.3
DSP Subsystem
The device includes two identical instances (DSP1 and DSP2) of a digital signal processor (DSP)
subsystem, based on the TI's standard TMS320C66x™ DSP CorePac core.
The TMS320C66x DSP core enhances the TMS320C674x™ core, which merges the C674x™ floating
point and the C64x+™ fixed-point instruction set architectures. The C66x DSP is object-code compatible
with the C64x+/C674x DSPs.
For more information on the TMS320C66x core CPU, see the TMS320C66x DSP CPU and Instruction Set
Reference Guide, (SPRUGH7).
Each of the two DSP subsystems integrated in the device includes the following components:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com