Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 172 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 168Page - Texas Instruments DM505LRBABF Datasheet HTML 169Page - Texas Instruments DM505LRBABF Datasheet HTML 170Page - Texas Instruments DM505LRBABF Datasheet HTML 171Page - Texas Instruments DM505LRBABF Datasheet HTML 172Page - Texas Instruments DM505LRBABF Datasheet HTML 173Page - Texas Instruments DM505LRBABF Datasheet HTML 174Page - Texas Instruments DM505LRBABF Datasheet HTML 175Page - Texas Instruments DM505LRBABF Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 290 page
background image
172
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-77. GPIO2/3/4 IOSETs (continued)
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
GPIO3
gpio3_0
AB15
14
gpio3_9
U9
14
U9
14
gpio3_10
W11
14
W11
14
gpio3_11
V9
14
V9
14
gpio3_12
W9
14
W9
14
gpio3_13
U8
14
U8
14
gpio3_14
W8
14
W8
14
gpio3_15
U7
14
gpio3_16
V7
14
GPIO4
gpio4_4
R5
14
gpio4_6
N4
14
gpio4_7
R7
14
gpio4_8
L2
14
gpio4_9
N5
14
gpio4_10
N6
14
5.9.7
Emulation and Debug Subsystem
The device includes the following Test interfaces:
•
IEEE 1149.1 Standard-Test-Access Port (JTAG)
•
Trace Port Interface Unit (TPIU)
5.9.7.1
JTAG Electrical Data/Timing
Table 5-78, Table 5-79 and Figure 5-57 assume testing over the recommended operating conditions and
electrical characteristic conditions below.
Table 5-78. Timing Requirements for IEEE 1149.1 JTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
62.29
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
24.92
ns
1b
tw(TCKL)
Pulse duration, TCK low(40% of tc)
24.92
ns
3
tsu(TDI-TCK)
Input setup time, TDI valid to TCK high
6.23
ns
tsu(TMS-TCK)
Input setup time, TMS valid to TCK high
6.23
ns
4
th(TCK-TDI)
Input hold time, TDI valid from TCK high
31.15
ns
th(TCK-TMS)
Input hold time, TMS valid from TCK high
31.15
ns
Table 5-79. Switching Characteristics Over Recommended Operating Conditions for IEEE 1149.1 JTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
30.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com