Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 175 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 175 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 171Page - Texas Instruments DM505LRBABF Datasheet HTML 172Page - Texas Instruments DM505LRBABF Datasheet HTML 173Page - Texas Instruments DM505LRBABF Datasheet HTML 174Page - Texas Instruments DM505LRBABF Datasheet HTML 175Page - Texas Instruments DM505LRBABF Datasheet HTML 176Page - Texas Instruments DM505LRBABF Datasheet HTML 177Page - Texas Instruments DM505LRBABF Datasheet HTML 178Page - Texas Instruments DM505LRBABF Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 290 page
background image
175
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
6
Detailed Description
6.1
Description
The DM505 is a highly optimized device for Vision Analytics and Machine Vision processing in Industrial
products such as drones, robots, forklifts, railroad and agriculture equipment. The Processor enables
sophisticated embedded vision processing integrating an optimal mix of real time performance, low power,
small form factor and camera processing for systems to interact in more intelligent, useful ways with the
physical world and the people in it.
The DM505 incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac
(EVE), and dual-Cortex-M4 processors. The device allows low power designs to meet demanding
embedded system budgets without sacrificing real-time processing performance to enable small form
factor designs. The DM505 also integrates a host of peripherals including interfaces for multi-camera input
(both parallel and serial), display outputs, audio and serial I/O, CAN and GigB Ethernet AVB.
TI provides application specific hardware and software through our Design Network Partners and a
complete set of development tools for the ARM, and DSP, including C compilers with TI RTOS to
accelerate time to market.
6.2
Functional Block Diagram
Figure 6-1 is functional block diagram for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com