Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 161 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 157Page - Texas Instruments DM505LRBABFR Datasheet HTML 158Page - Texas Instruments DM505LRBABFR Datasheet HTML 159Page - Texas Instruments DM505LRBABFR Datasheet HTML 160Page - Texas Instruments DM505LRBABFR Datasheet HTML 161Page - Texas Instruments DM505LRBABFR Datasheet HTML 162Page - Texas Instruments DM505LRBABFR Datasheet HTML 163Page - Texas Instruments DM505LRBABFR Datasheet HTML 164Page - Texas Instruments DM505LRBABFR Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 290 page
background image
161
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
•
Programmable loop-back modes for self-test operation
•
Suspend mode for debug support
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM single error correction and double error detection (SECDED) mechanism
•
Direct access to Message RAM during test mode
•
Support for two interrupt lines: Level 0 and Level 1, plus separate ECC interrupt line
•
Local power down and wakeup support
•
Automatic message RAM initialization
•
Support for DMA access
5.9.6.13.2 MCAN
The device supports one MCAN module connecting to the CAN network through external (for the device)
transceiver for connection to the physical layer. The MCAN module supports up to 5 Mbit/s data rate and
is compliant to ISO 11898-1:2015.
The MCAN module implements the following features:
•
Conforms with ISO 11898-1:2015
•
Full CAN FD support (up to 64 data bytes)
•
AUTOSAR and SAE J1939 support
•
Up to 32 dedicated Transmit Buffers
•
Configurable Transmit FIFO, up to 32 elements
•
Configurable Transmit Queue, up to 32 elements
•
Configurable Transmit Event FIFO, up to 32 elements
•
Up to 64 dedicated Receive Buffers
•
Two configurable Receive FIFOs, up to 64 elements each
•
Up to 128 filter elements
•
Internal Loopback mode for self-test
•
Maskable interrupts, two interrupt lines
•
Two clock domains (CAN clock/Host clock)
•
Parity/ECC support - Message RAM single error correction and double error detection (SECDED)
mechanism
•
Local power-down and wakeup support
•
Timestamp Counter
NOTE
For more information, see the Serial Communication Interfaces / DCAN and MCAN sections
of the Device TRM.
Table 5-59, Table 5-60 and Figure 5-45 present Timing and Switching characteristics for DCAN and
MCAN Interface.
Table 5-59. Timing Requirements for DCAN Receive(1)
NO.
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
f(baud)
Maximum programmable baud rate
1
Mbps
1
tw(DCANRX)
Pulse duration, receive data bit (DCANx_RX)
H - 15
H + 15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com