Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 36Page - Texas Instruments DM505LRBABFR Datasheet HTML 37Page - Texas Instruments DM505LRBABFR Datasheet HTML 38Page - Texas Instruments DM505LRBABFR Datasheet HTML 39Page - Texas Instruments DM505LRBABFR Datasheet HTML 40Page - Texas Instruments DM505LRBABFR Datasheet HTML 41Page - Texas Instruments DM505LRBABFR Datasheet HTML 42Page - Texas Instruments DM505LRBABFR Datasheet HTML 43Page - Texas Instruments DM505LRBABFR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
40
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
NOTE
For more information, see the Control Module / Control Module Register Manual section of the device TRM.
4.3.1
VIP
NOTE
For more information, see the Video Input Port (VIP) section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching Characteristics are only valid for VIN1 and
VIN2 if signals within a single IOSET are used. The IOSETs are defined in Table 5-29 and Table 5-30.
Table 4-2. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input. Input clock for 8-bit 16-bit or 24-bit Port A video capture. Input data is sampled on
the CLK0 edge.
I
F22
vin1a_d0
Video Input 1 Port A Data input
I
G18
vin1a_d1
Video Input 1 Port A Data input
I
G21
vin1a_d2
Video Input 1 Port A Data input
I
G22
vin1a_d3
Video Input 1 Port A Data input
I
H18
vin1a_d4
Video Input 1 Port A Data input
I
H20
vin1a_d5
Video Input 1 Port A Data input
I
H19
vin1a_d6
Video Input 1 Port A Data input
I
H22
vin1a_d7
Video Input 1 Port A Data input
I
H21
vin1a_d8
Video Input 1 Port A Data input
I
J17
vin1a_d9
Video Input 1 Port A Data input
I
K22
vin1a_d10
Video Input 1 Port A Data input
I
K21
vin1a_d11
Video Input 1 Port A Data input
I
K18
vin1a_d12
Video Input 1 Port A Data input
I
AB17, K17
vin1a_d13
Video Input 1 Port A Data input
I
K19, U17
vin1a_d14
Video Input 1 Port A Data input
I
K20, W17
vin1a_d15
Video Input 1 Port A Data input
I
AA17, L21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com