Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 70 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 66Page - Texas Instruments DM505LRBABFR Datasheet HTML 67Page - Texas Instruments DM505LRBABFR Datasheet HTML 68Page - Texas Instruments DM505LRBABFR Datasheet HTML 69Page - Texas Instruments DM505LRBABFR Datasheet HTML 70Page - Texas Instruments DM505LRBABFR Datasheet HTML 71Page - Texas Instruments DM505LRBABFR Datasheet HTML 72Page - Texas Instruments DM505LRBABFR Datasheet HTML 73Page - Texas Instruments DM505LRBABFR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
70
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
0x1458
CTRL_CORE_PAD_
GPMC_AD8
B6
gpmc_ad8
timer7
spi3_cs0
gpio1_22
sysboot8
mcasp2_acl
kr
0x145C
CTRL_CORE_PAD_
GPMC_AD9
A5
gpmc_ad9
eCAP1_in_P
WM1_out
spi3_cs1
gpio1_23
sysboot9
mcasp2_fsr
0x1460
CTRL_CORE_PAD_
GPMC_AD10
D6
gpmc_ad10
timer2
gpio1_24
sysboot10
mcasp2_axr
0
0x1464
CTRL_CORE_PAD_
GPMC_AD11
C5
gpmc_ad11
timer3
gpio1_25
sysboot11
mcasp2_axr
1
0x1468
CTRL_CORE_PAD_
GPMC_AD12
B5
gpmc_ad12
gpio1_26
sysboot12
mcasp2_axr
2
0x146C
CTRL_CORE_PAD_
GPMC_AD13
D7
gpmc_ad13 rgmii1_rxc
gpio1_27
sysboot13
mcasp2_axr
3
0x1470
CTRL_CORE_PAD_
GPMC_AD14
B4
gpmc_ad14
spi2_cs1
gpio1_28
sysboot14
mcasp2_axr
4
0x1474
CTRL_CORE_PAD_
GPMC_AD15
A4
gpmc_ad15
spi2_cs0
gpio1_29
sysboot15
mcasp2_axr
5
0x1478
CTRL_CORE_PAD_
VIN1A_CLK0
F22
vin1a_clk0
cpi_pclk
clkout0
gpio1_30
Driver off
mcasp3_acl
kx
0x147C
CTRL_CORE_PAD_
VIN1A_DE0
F21
vin1a_de0
cpi_hsync
vin1b_clk1
clkout1
gpio1_31
Driver off
0x1480
CTRL_CORE_PAD_
VIN1A_FLD0
F20
vin1a_fld0
cpi_vsync
vin2b_clk1
clkout2
gpio2_0
Driver off
mcasp3_acl
kr
0x1484
CTRL_CORE_PAD_
VIN1A_HSYNC0
F19
vin1a_hsync
0
cpi_data0
vin1a_de0
gpio2_1
Driver off
mcasp3_fsr
0x1488
CTRL_CORE_PAD_
VIN1A_VSYNC0
G19
vin1a_vsync
0
cpi_data1
gpio2_2
Driver off
mcasp3_axr
0
0x148C
CTRL_CORE_PAD_
VIN1A_D0
G18
vin1a_d0
cpi_data2
gpio2_3
Driver off
mcasp3_axr
1
0x1490
CTRL_CORE_PAD_
VIN1A_D1
G21
vin1a_d1
cpi_data3
gpio2_4
Driver off
mcasp3_axr
2
0x1494
CTRL_CORE_PAD_
VIN1A_D2
G22
vin1a_d2
cpi_data4
gpio2_5
Driver off
mcasp3_axr
3
0x1498
CTRL_CORE_PAD_
VIN1A_D3
H18
vin1a_d3
cpi_data5
gpio2_6
Driver off
mcasp3_axr
4
0x149C
CTRL_CORE_PAD_
VIN1A_D4
H20
vin1a_d4
cpi_data6
gpio2_7
Driver off
mcasp3_axr
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com