Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 8Page - Texas Instruments DM505LRBABFR Datasheet HTML 9Page - Texas Instruments DM505LRBABFR Datasheet HTML 10Page - Texas Instruments DM505LRBABFR Datasheet HTML 11Page - Texas Instruments DM505LRBABFR Datasheet HTML 12Page - Texas Instruments DM505LRBABFR Datasheet HTML 13Page - Texas Instruments DM505LRBABFR Datasheet HTML 14Page - Texas Instruments DM505LRBABFR Datasheet HTML 15Page - Texas Instruments DM505LRBABFR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
12
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
F2
ddr1_casn
ddr1_casn
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
G1
ddr1_ck
ddr1_ck
0
O
PD
drive clk
(OFF)
0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
AB13
ddr1_dqm_ecc
ddr1_dqm_ecc
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
AB10
ddr1_dqsn_ecc
ddr1_dqsn_ecc
0
IO
PU
PU
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
AA10
ddr1_dqs_ecc
ddr1_dqs_ecc
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
G2
ddr1_nck
ddr1_nck
0
O
PD
drive clk
(OFF)
0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
F1
ddr1_rasn
ddr1_rasn
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
N1
ddr1_rst
ddr1_rst
0
O
PD
drive 0 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
E3
ddr1_wen
ddr1_wen
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
U4
ddr1_a0
ddr1_a0
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
C1
ddr1_a1
ddr1_a1
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
D3
ddr1_a2
ddr1_a2
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
R4
ddr1_a3
ddr1_a3
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
T4
ddr1_a4
ddr1_a4
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
N3
ddr1_a5
ddr1_a5
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
T2
ddr1_a6
ddr1_a6
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
N2
ddr1_a7
ddr1_a7
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
T1
ddr1_a8
ddr1_a8
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
U1
ddr1_a9
ddr1_a9
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
D1
ddr1_a10
ddr1_a10
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy
R3
ddr1_a11
ddr1_a11
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
U2
ddr1_a12
ddr1_a12
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
C3
ddr1_a13
ddr1_a13
0
O
PD
drive 1 (OFF) 0
1.35/1.5/1.8
vdds_ddr2
NA
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com