Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 55 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 51Page - Texas Instruments DM505LRBABFR Datasheet HTML 52Page - Texas Instruments DM505LRBABFR Datasheet HTML 53Page - Texas Instruments DM505LRBABFR Datasheet HTML 54Page - Texas Instruments DM505LRBABFR Datasheet HTML 55Page - Texas Instruments DM505LRBABFR Datasheet HTML 56Page - Texas Instruments DM505LRBABFR Datasheet HTML 57Page - Texas Instruments DM505LRBABFR Datasheet HTML 58Page - Texas Instruments DM505LRBABFR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 290 page
background image
55
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.16 DCAN and MCAN
NOTE
For more information, see the Serial Communication Interface / DCAN section of the device
TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-61.
Table 4-17. DCAN and MCAN Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DCAN 1
dcan1_rx
DCAN1 receive data pin
IO
C14, D15, N6
dcan1_tx
DCAN1 transmit data pin
IO
D14, F14, N5
MCAN
mcan_rx
MCAN receive data pin
IO
E14, F16, W6
mcan_tx
MCAN transmit data pin
IO
F13, F15, W7
4.3.17 GMAC_SW
NOTE
For more information, see the Serial Communication Interfaces / Gigabit Ethernet Switch
(GMAC_SW) section of the device TRM.
Table 4-18. GMAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii0_rxc
RGMII0 Receive Clock
I
B18
rgmii0_rxctl
RGMII0 Receive Control
I
C18
rgmii0_rxd0
RGMII0 Receive Data
I
A20
rgmii0_rxd1
RGMII0 Receive Data
I
C20
rgmii0_rxd2
RGMII0 Receive Data
I
B20
rgmii0_rxd3
RGMII0 Receive Data
I
A19
rgmii0_txc
RGMII0 Transmit Clock
O
C16
rgmii0_txctl
RGMII0 Transmit Enable
O
C17
rgmii0_txd0
RGMII0 Transmit Data
O
F17
rgmii0_txd1
RGMII0 Transmit Data
O
E17
rgmii0_txd2
RGMII0 Transmit Data
O
D16
rgmii0_txd3
RGMII0 Transmit Data
O
E16
rgmii1_rxc
RGMII1 Receive Clock
I
D7
rgmii1_rxctl
RGMII1 Receive Control
I
C10
rgmii1_rxd0
RGMII1 Receive Data
I
F8
rgmii1_rxd1
RGMII1 Receive Data
I
A7
rgmii1_rxd2
RGMII1 Receive Data
I
E8
rgmii1_rxd3
RGMII1 Receive Data
I
D8
rgmii1_txc
RGMII1 Transmit Clock
O
C12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com