Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 61 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 57Page - Texas Instruments DM505LRBABFR Datasheet HTML 58Page - Texas Instruments DM505LRBABFR Datasheet HTML 59Page - Texas Instruments DM505LRBABFR Datasheet HTML 60Page - Texas Instruments DM505LRBABFR Datasheet HTML 61Page - Texas Instruments DM505LRBABFR Datasheet HTML 62Page - Texas Instruments DM505LRBABFR Datasheet HTML 63Page - Texas Instruments DM505LRBABFR Datasheet HTML 64Page - Texas Instruments DM505LRBABFR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 290 page
background image
61
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-23. Sysboot Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot0
Boot Mode Configuration 0. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
E8
sysboot1
Boot Mode Configuration 1. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
A7
sysboot2
Boot Mode Configuration 2. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
F8
sysboot3
Boot Mode Configuration 3. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B7
sysboot4
Boot Mode Configuration 4. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
A6
sysboot5
Boot Mode Configuration 5. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
F7
sysboot6
Boot Mode Configuration 6. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
E7
sysboot7
Boot Mode Configuration 7. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
R7
sysboot8
Boot Mode Configuration 8. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B6
sysboot9
Boot Mode Configuration 9. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
A5
sysboot10
Boot Mode Configuration 10. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
D6
sysboot11
Boot Mode Configuration 11. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
C5
sysboot12
Boot Mode Configuration 12. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B5
sysboot13
Boot Mode Configuration 13. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
D7
sysboot14
Boot Mode Configuration 14. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
B4
sysboot15
Boot Mode Configuration 15. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
A4
4.3.22.2 Power, Reset and Clock Management (PRCM)
NOTE
For more information, see Power, Reset, and Clock Management section of the device TRM.
Table 4-24. PRCM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout0
Device Clock output 1. Can be used externally for devices with non-critical timing
requirements, or for debug, or as a reference clock on GPMC as described in
Table 5-34 GPMC/NOR Flash Interface Switching Characteristics - Synchronous
Mode - 1 Load and Table 5-36 GPMC/NOR Flash Interface Switching
Characteristics - Synchronous Mode - 5 Loads.
O
AB17, C12, F14, F22,
M1
clkout1
Device Clock output 2. Can be used as a system clock for other devices.
O
F12, F21, U17
clkout2
Device Clock output 3. Can be used as a system clock for other devices.
O
A10, F20, W17
rstoutn
Reset out (Active low). This pin asserts low in response to any global reset condition
on the device.
O
F4
resetn
Device Reset Input
I
G4
porz
Power on Reset (active low). This pin must be asserted low until all device supplies
are valid (see reset sequence/requirements).
I
G3
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com