Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 101 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 97Page - Texas Instruments DM505LRBABFR Datasheet HTML 98Page - Texas Instruments DM505LRBABFR Datasheet HTML 99Page - Texas Instruments DM505LRBABFR Datasheet HTML 100Page - Texas Instruments DM505LRBABFR Datasheet HTML 101Page - Texas Instruments DM505LRBABFR Datasheet HTML 102Page - Texas Instruments DM505LRBABFR Datasheet HTML 103Page - Texas Instruments DM505LRBABFR Datasheet HTML 104Page - Texas Instruments DM505LRBABFR Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 290 page
background image
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv5, vddshv6
vdds18v
Vdelta
(Note1)
SPRS916_ELCH_03
101
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-3. vddshv* Supplies Falling After vdds18v Supplies Delta
(1) Vdelta MAX = 2V
5.9.4
Clock Specifications
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Clock Signals and Clock Management Functional Description section
of the Device TRM.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
The device operation requires the following clocks:
•
The system clocks, SYS_CLK1(Mandatory) and SYS_CLK2(Optional) are the main clock sources of
the device. They supply the reference clock to the DPLLs as well as functional clock to several
modules.
Figure 5-4 shows the external input clock sources and the output clocks to peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com