Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABFR Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABFR
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABFR Datasheet(HTML) 128 Page - Texas Instruments

Back Button DM505LRBABFR Datasheet HTML 124Page - Texas Instruments DM505LRBABFR Datasheet HTML 125Page - Texas Instruments DM505LRBABFR Datasheet HTML 126Page - Texas Instruments DM505LRBABFR Datasheet HTML 127Page - Texas Instruments DM505LRBABFR Datasheet HTML 128Page - Texas Instruments DM505LRBABFR Datasheet HTML 129Page - Texas Instruments DM505LRBABFR Datasheet HTML 130Page - Texas Instruments DM505LRBABFR Datasheet HTML 131Page - Texas Instruments DM505LRBABFR Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 290 page
background image
128
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) H = Access Time * (TimeParaGranularity + 1)
(2) P = PageBurstAccessTime * (TimeParaGranularity + 1)
Table 5-38. GPMC/NOR Flash Interface Switching Characteristics - Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
-
tr(DO)
Rising time, gpmc_ad[15:0] output data
0.447
4.067
ns
--
tf(DO)
Fallling time, gpmc_ad[15:0] output data
0.43
4.463
ns
FA0
tw(nBEV)
Pulse duration, gpmc_ben[1:0] valid time
N
ns
FA1
tw(nCSV)
Pulse duration, gpmc_cs[7:0] low
A
ns
FA3
td(nCSV-nADVIV)
Delay time, gpmc_cs[7:0] valid to gpmc_advn_ale invalid
B - 0.2
B + 2.0
ns
FA4
td(nCSV-nOEIV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren invalid (Single read)
C - 0.2
C + 2.0
ns
FA9
td(AV-nCSV)
Delay time, address bus valid to gpmc_cs[7:0] valid
J - 0.2
J + 2.0
ns
FA10
td(nBEV-nCSV)
Delay time, gpmc_ben[1:0] valid to gpmc_cs[7:0] valid
J - 0.2
J + 2.0
ns
FA12
td(nCSV-nADVV)
Delay time, gpmc_cs[7:0] valid to gpmc_advn_ale valid
K - 0.2
K + 2.0
ns
FA13
td(nCSV-nOEV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren valid
L - 0.2
L + 2.0
ns
FA16
tw(AIV)
Pulse duration, address invalid between 2 successive R/W accesses
G
ns
FA18
td(nCSV-nOEIV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren invalid (Burst read)
I - 0.2
I + 2.0
ns
FA20
tw(AV)
Pulse duration, address valid : 2nd, 3rd and 4th accesses
D
ns
FA25
td(nCSV-nWEV)
Delay time, gpmc_cs[7:0] valid to gpmc_wen valid
E - 2
E + 2.0
ns
FA27
td(nCSV-nWEIV)
Delay time, gpmc_cs[7:0] valid to gpmc_wen invalid
F - 0.2
F + 2.0
ns
FA28
td(nWEV-DV)
Delay time, gpmc_ wen valid to data bus valid
2
ns
FA29
td(DV-nCSV)
Delay time, data bus valid to gpmc_cs[7:0] valid
J - 0.2
J + 2.0
ns
FA37
td(nOEV-AIV)
Delay time, gpmc_oen_ren valid to gpmc_ad[15:0] multiplexed
address bus phase end
2
ns
(1) For single read: N = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: N = WrCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: N = (RdCycleTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: N = (WrCycleTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2) For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: A = (CSWrOffTime – CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK period
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK period
with n the page burst access number.
(3) For reading: B = ((ADVRdOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK
For writing: B = ((ADVWrOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK
(4) C = ((OEOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) * GPMC_FCLKFor single read: C
= RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
(5) J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK
(6) K = ((ADVOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK
(7) L = ((OEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(8) G = Cycle2CycleDelay * GPMC_FCLK * (TimeParaGranularity + 1)
(9) I = ((OEOffTime + (n – 1) * PageBurstAccessTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) *
GPMC_FCLK
(10) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK
(11) E = ((WEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(12) F = ((WEOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com