Electronic Components Datasheet Search
  English  ▼

X  

HT86XXX Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  8-Bit Voice Synthesizer MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT86XXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 10Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 11Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 12Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Pad Description
Pad Name
I/O
Mask Option
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port. Each bit can be configured as a wake-up input
by mask option. Software instructions determine the CMOS output or
Schmitt trigger input with or without pull-high resistor (mask option).
PB0~PB7
I/O
Pull-high
or None
Bidirectional 8-bit I/O port. Software instructions determine the CMOS
output or Schmitt trigger input (pull-high resistor depending on mask op-
tion).
PC0~PC7
I/O
Pull-high
or None
Bidirectional 8-bit I/O port. Software instructions determine the CMOS
output or Schmitt trigger input (pull-high resistor depending on mask op-
tion).
GND
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
VCC
¾¾
DAC power supply
VSS
¾¾
DAC negative power supply, ground
RES
I
¾
Schmitt trigger reset input, active low
INT
I
Falling Edge Trigger
or Falling/Rising Edge
Trigger
External interrupt Schmitt trigger input with pull-high resistor. Choice fall-
ing edge trigger or falling/rising edge trigger by mask option. Falling edge
triggered active on a high to low transition. Rising edge triggered active
on a low to high transition.
OSC1, OSC2
¾
RC or Crystal
OSC1 and OSC2 are connected to an RC network or a crystal(by mask
option) for the internal system clock. In the case of RC operation, OSC2
is the output terminal for 1/4 system clock.
The system clock may come from the crystal, the two pins cannot be
floating.
AUD0, AUD1
O
¾
Audio output for driving a external transistor or for driving HT82V733
NC
¾¾
No connection
Absolute Maximum Ratings
Supply Voltage ..........................................2.4V to 5.2V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT86XXX
Rev. 1.00
9
November 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com