Electronic Components Datasheet Search
  English  ▼

X  

HT86XXX Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  8-Bit Voice Synthesizer MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT86XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 10Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 11Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 12Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 13Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 14Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
HT86XXX
Rev. 1.00
11
November 1, 2002
Functional Description
Execution flow
The system clock for the HT86XXX series is derived
from either a crystal or an RC oscillator. It is internally di-
vided into four non-overlapping clocks. One instruction
cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute within one cycle. If an instruc-
tion changes the program counter, two cycles are
required to complete the instruction.
Program counter
- PC
The 13-bit program counter (PC) controls the sequence
in which the instructions stored in program ROM are ex-
ecuted.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points
to the memory word containing the next instruction
code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call, initial re-
set, internal interrupt, external interrupt or return from
Mode
Program Counter
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
0000000000000
External or Serial Input Interrupt
0000000000100
Timer/Event Counter 0 Overflow
0000000001000
Timer/Event Counter 1 Overflow
0000000001100
Timer Counter 2 Overflow
0000000010000
Timer Counter 3 Overflow
0000000010100
Skip
PC+2
Loading PCL
*12
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program counter
Note: *12~*0: Program counter bits
S12~S0: Stack register bits
#12~#0: Instruction code bits
@7~@0: PCL bits
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
. e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
. e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
. e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C ( R C o n l y )
P C
P 1
P 2
P 3
P 4
I n t e r n a l
P h a s e
C l o c k s
Execution flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com