Electronic Components Datasheet Search
  English  ▼

X  

HT86XXX Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  8-Bit Voice Synthesizer MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT86XXX Datasheet HTML 19Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 20Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 21Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 22Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 23Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 24Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 25Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 26Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
HT86XXX
Rev. 1.00
23
November 1, 2002
Low voltage reset
- LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within 2.2V or 3.3V (by
mask option), such as changing a battery, the LVR will
automatically reset the device internally.
Input/output ports
There are 24 bidirectional input/output lines in the
microcontroller, labeled from PA to PC, which are
mapped to the data memory of [12H], [14H], and [16H]
respectively. All of these I/O ports can be used for input
and output operations. For input operation, these ports
are non-latching, that is, the inputs must be ready at the
T2 rising edge of instruction
²MOV A, [m]² (m=12H,14H
or 16H). For output operation, all the data is latched and
remains unchanged until the output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC) to control the input/output configuration. With this
control register, CMOS output or Schmitt trigger input
with or without pull-high resistor structures can be re-
configured dynamically (i.e. on-the-fly) under software
control. To function as an input, the corresponding latch
of the control register must write
²1². The input source
also depends on the control register. If the control regis-
ter bit is
²1², the input will read the pad state. If the con-
trol register bit is
²0², the contents of the latches will
move to the internal bus. The latter is possible in the
²read-modify-write² instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, and 17H.
After a chip reset, these input/output lines remain at high
levels or floating state (dependent on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. The wake-up capability of port A is determined
by mask option. There is a pull-high option available for
all I/O lines. Once the pull-high option is selected, all I/O
lines have pull-high resistors. Otherwise, the pull-high
resistors are absent. It should be noted that a
non-pull-high I/O line operating in input mode will cause
a floating state.
By some different mask options, there are 4 shared pins
(PC.4, PC.5, PC.6, and PC.7) in PC. They can be nor-
mal I/O pins or for special functions. The PC.4 is the ex-
ternal clock source of timer/event counter TMR0 if
TMR0 is set to external clock mode, and the PC.5 is the
external clock source of timer/event counter TMR1 if
TMR1 is set to external clock mode. The PC.6 and PC.7
can be connected to a 32kHz crystal as the clock source
of the timer counter TMR3 if the mask option is set to en-
able 32kHz (RTC) crystal.
Q
D
C K
S
Q
Q
D
C K
S
Q
M
U
X
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e I / O
R e a d I / O
S y s t e m W a k e - U p ( P A o n l y )
W e a k
P u l l - u p
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
M a s k O p t i o n
M a s k O p t i o n
V D D
V D D
Input/output ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com