Electronic Components Datasheet Search
  English  ▼

X  

HT86XXX Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  8-Bit Voice Synthesizer MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT86XXX Datasheet HTML 20Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 21Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 22Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 23Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 24Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 25Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 26Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 27Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 28Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Application Circuits
HT86XXX
Rev. 1.00
26
November 1, 2002
R E S
V D D
8 0 5 0
V D D
O S C 2
O S C 1
H T 8 6 X X X
V D D
S p e a k e r
( 8 / 1 6 )
I N T
A U D 0
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
0 . 1 m .
R 2
R 3
0 . 1 m .
R 1
1 0 0 k W
1 0 0 m .
V D D
R ( 1 0 0 k W ~ 6 2 k W )
Note: R2>R3
R E S
V D D
O S C 2
O S C 1
H T 8 6 X X X
V D D
I N T
A U D 1
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
0 . 1 m .
1 0 0 k W
1 0 0 m .
V D D
4 M H z ~ 8 M H z
R 1
1
2
3
4
5
6
7
8
H T 8 2 V 7 3 3
V D D
4 7 m .
0 . 1 m .
1 0 m .
O U T N
V D D
V R E .
C E
A u d i o I n
C 1
C 2
C 3
A u d i o I n
R
S p e a k e r
( 8 / 1 6 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com