Electronic Components Datasheet Search
  English  ▼

X  

HT86XXX Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  8-Bit Voice Synthesizer MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT86XXX Datasheet HTML 20Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 21Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 22Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 23Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 24Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 25Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 26Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 27Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 28Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
HT86XXX
Rev. 1.00
24
November 1, 2002
Audio output and volume control
- DAL, DAH, VOL
The HT86XXX provides one 12-bit current type DAC de-
vice for driving external 8
W speaker through an external
NPN transistor. The programmer must write the voice
data to register DAL (27H) and DAH (28H). The 12-bit
audio output will be written to the higher nibble of DAL
and the whole byte of DAH, and the DAL3~0 is always
read as 0H. There are 16 scales of volume controllable
level that are provided for the current type DAC output.
The programmer can change the volume by only writing
the volume control data to the higher-nibble of the VOL
(29H), and the lower-nibble of VOL (29H) is always read
as 0H.
Voice Control register
- VOICEC (26H)
The voice control register controls the voice ROM circuit
and DAC circuit, selects voice ROM latch counter, and
controls 32kHz crystal to start in speed-up mode or not.
If the DAC circuit is not enabled, any DAH/DAL output is
invalid. Writing a
²1² to DAC bit is to enable DAC circuit,
and writing a
²0² to DAC bit is to disable DAC circuit. If
the voice ROM circuit is not enabled, then voice ROM
data cannot be accessed at all. Writing a
²1² to VROMC
bit is to enable the voice ROM circuit, and writing a
²0² to
VROMC bit is to disable the voice ROM circuit. The bit 4
(LATCHC) is to determine what voice ROM address
latch counter will be adopted as voice ROM address
latch counter. The bit 7 (FAST) is to determine how to
activate 32kHz crystal of TMR3
¢s clock source.
Label
Bits
Function
¾
0
Unused bit, read as
²0²
DAC
1
Enable/disable DAC circuit
(0= disable DAC circuit;
1= enable DAC circuit)
VROMC
2
Enable/disable voice ROM circuit
(0= disable voice ROM circuit;
1= enable voice ROM circuit)
¾
3
Unused bit, read as
²0²
LATCHC
4
Select voice ROM counter
(0= voice ROM address latch 0;
1= voice ROM address latch 1)
¾
5, 6 Unused bit, read as
²0²
FAST
7
Enable/disable speed-up 32kHz crys-
tal. Default to 0.
(0= speed-up 32kHz crystal;
1= non-speed-up 32kHz crystal)
Voice ROM data address latch counter
LATCH0H(18H)/LATCH0M(19H)/LATCH0L(1AH),
LATCH1H(1BH)/LATCH1M(1CH)/LATCH1L(1DH) and
voice ROM data register(2AH)
The voice ROM data address latch counter is the hand-
shaking between the microcontroller and voice ROM,
where the voice codes are stored. One 8-bit of voice
ROM data will be addressed by setting 24-bit address
latch counter LATCH0H/LATCH0M/LATCH0L or
LATCH1H/LATCH1M/LATCH1L. After the 8-bit voice
ROM data is addressed, a few instruction cycles (4
msat
least) will be cost to latch the voice ROM data, then the
microcontroller can read the voice data from
LATCHD(2AH).
Example: Read an 8-bit voice ROM data which is lo-
cated at address 000007H by address latch 0
set
[26H].2
; Enable voice ROM circuit
clr
[26H].4
; Select voice ROM address
; latch counter 0
mov
A, 07H
;
mov
LATCH0L, A ; Set LATCH0L to 07H
mov
A, 00H
;
mov
LATCH0M, A ; Set LATCH0M to 00H
mov
A, 00H
;
mov
LATCH0H, A ; Set LATCH0H to 00H
call
Delay Time
; Delay a short period of time
mov
A, LATCHD
; Get voice data at 000007H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com