Electronic Components Datasheet Search
  English  ▼

X  

ICS94222 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS94222
Description  Programmable System Frequency Generator for PII/III?
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS94222 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS94222 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS94222
This document is confidential and should not be released
without written consents from ICS.
94222 Rev - 5/10/01
Advance Information
ADVANCE INFORMATION documents contain information on products in the
formative or design phase development. Characteristic data and other
specifications are design goals. ICS reserves the right to change or discontinue
these products without notice.
Pin Configuration
Recommended Application:
BX, Appollo Pro 133 type of chip set.
Output Features:
•
3 - CPUs @2.5V, up to 166MHz.
•
17 - SDRAM @ 3.3V, up to 166MHz.
•
7 - PCI @3.3V
•
2 - IOAPIC @ 2.5V
•
1 - 48MHz, @3.3V fixed.
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Programmable ouput frequency.
•
Programmable ouput rise/fall time.
•
Programmable PCI_F and PCICLK skew.
•
Spread spectrum for EMI control typically by 7dB to 8dB,
with programmable spread percentage.
•
Watchdog timer technology to reset system
if over-clocking causes malfunction.
•
Uses external 14.318MHz crystal.
•
FS pins for frequency select
Key Specifications:
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: <500ps
•
PCI – PCI: <500ps
•
CPU-SDRAM: <500ps
•
CPU(early)-PCI: Min=1.0ns, Typ=2.0ns, Max=4.0ns
Programmable System Frequency Generator for PII/III™
Block Diagram
Functionality
56-Pin SSOP
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
AVDD
*FS2/REF1
*PCI_STOP#/REF0
GND
X1
X2
VDD
*MODE/PCICLK_F
*FS3/PCICLK0
GND
VDD
BUFFERIN
SDRAM11
SDRAM10
VDD
SDRAM9
SDRAM8
GND
SDRAM15
SDRAM14
GND
SDATA
SCLK
PCICLK1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
VDDL
IOAPIC0
IOAPIC_F
GND
CPUCLK_F
CPUCLK0
VDDL
CPUCLK1
GND
CLK_STOP*
SDRAM_F
VDDSDR
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDD
SDRAM6
SDRAM7
GND
SDRAM12
SDRAM13
AVDD48
24MHz/FS0*
48MHz/FSI*1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0000
0
0
.
0
80
0
.
0
4
000
1
0
0
.
5
70
5
.
7
3
00
1
0
1
3
.
3
85
6
.
1
4
00
11
9
.
6
65
4
.
3
3
01
0
0
0
0
.
3
0
13
3
.
4
3
01
01
1
0
.
2
1
14
3
.
7
3
01
1
0
1
0
.
8
61
0
.
4
3
0
111
7
.
0
0
17
5
.
3
3
1
000
0
0
.
0
2
10
0
.
0
4
10
0
1
9
9
.
4
1
13
3
.
8
3
10
10
9
9
.
9
0
16
6
.
6
3
10
1
1
0
0
.
5
0
10
0
.
5
3
11
00
0
0
.
0
4
10
0
.
5
3
11
0
1
0
0
.
0
5
10
5
.
7
3
111
0
0
0
.
4
2
10
0
.
1
3
1111
9
.
3
3
15
2
.
3
3
CLK_STOP#
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
IOAPIC0
CPUCLK (1:0)
CPUCLK_F
IOAPIC_F
SDRAM (15:0)
SDRAM_F
PCICLK (5:0)
PCICLK_F
X1
X2
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
STOP
÷2
STOP
STOP
POR
SDATA
SCLK
FS (3:0)
MODE
Control
Logic
Config.
Reg.
REF [1:0]
24MHz
LATCH
1
2
16
66
BUFFERIN


Similar Part No. - ICS94222

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94228YFLF-T ICST-ICS94228YFLF-T Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS94229YF-T ICST-ICS94229YF-T Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
More results

Similar Description - ICS94222

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9250-32 ICST-ICS9250-32 Datasheet
447Kb / 11P
Frequency Generator & Integrated Buffers for PII/III?
Rev B 9/7/00
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com