Electronic Components Datasheet Search
  English  ▼

X  

ICS94222 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ICS94222
Description  Programmable System Frequency Generator for PII/III?
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS94222 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ICS94222 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
ICS94222
Advance Information
This document is confidential and should not be released
without written consent from ICS.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD, VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
V
IH
2V
DD+0.3
V
Input Low Voltage
V
IL
V
SS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
5
µA
Input Low Current
I
IL1
V
IN = 0 V; Inputs with no pull-up resistors
-5
µA
Input Low Current
I
IL2
V
IN = 0 V; Inputs with pull-up resistors
-200
µA
Operating
IDD3.3OP66
CL = 0 pF; Select @ 66MHz
Supply Current
IDD3.3OP100 CL = 0 pF; Select @ 100MHz
Input frequency
F
i
V
DD = 3.3 V;
12
16
MHz
Input Capacitance1
C
IN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3ms
1Guaranteed by design, not 100% tested in production.
mA
180
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Operating
IDD2.5OP66
CL = 0 pF; Select @ 66.8 MHz
72
Supply Current
IDD2.5OP100
CL = 0 pF; Select @ 100 MHz
100
Skew1
tCPU-PCI
VT = 1.5 V; VTL = 1.25 V
1.5
4
ns
1Guaranteed by design, not 100% tested in production.
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com