Electronic Components Datasheet Search
  English  ▼

X  

ICS94222 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ICS94222
Description  Programmable System Frequency Generator for PII/III?
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS94222 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ICS94222 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
ICS94222
Advance Information
This document is confidential and should not be released
without written consent from ICS.
VCO Programming Constrains
VCO Frequency ...................... 150MHz to 500MHz
VCO Divider Range ................ 8 to 519
REF Divider Range ................. 2 to 129
Phase Detector Stability .......... 0.3536 to 1.4142
Useful Formula
VCO Frequency = 14.31818 x VCO/REF divider value
Phase Detector Stabiliy = 14.038 x (VCO divider value)-0.5
Note:
1. User needs to ensure step 3 & 7 is carried out. Systems with wrong spread percentage and/or group to group skew relation
programmed into bytes 13-16 could be unstable. Step 3 & 7 assure the correct spread and skew relationship.
2. If VCO, REF divider values or phase detector stability are out of range, the device may fail to function correctly.
3. Follow min and max VCO frequency range provided. Internal PLL could be unstable if VCO frequency is too fast or too slow.
Use 14.31818MHz x VCO/REF divider values to calculate the VCO frequency (MHz).
4. ICS recommends users, to utilize the software utility provided by ICSApplication Engineering to program the VCO frequency.
5. Spread percent needs to be calculated based on VCO frequency, spread modulation frequency and spreadamount desired. See
Application note for software support.
To program the VCO frequency for over-clocking.
0. Before trying to program our clock manually, consider using ICS provided software utilities for easy programming.
1. Select the frequency you want to over-clock from with the desire gear ratio (i.e. CPU:SDRAM:3V66:PCI ratio) by writing
to byte 0, or using initial hardware power up frequency.
2. Write 0001, 1001 (19H) to byte 8 for readback of 21 bytes (byte 0-20).
3. Read back byte 11-20 and copy values in these registers.
4. Re-initialize the write sequence.
5. Write a '1' to byte 9 bit 7 and write to byte 11 & 12 with the desired VCO & REF divider values.
6. Write to byte 13 to 20 with the values you copy from step 3. This maintains the output spread, skew and slew rate.
7. The above procedure is only needed when changing the VCO for the 1st pass. If VCO frequency needed to be changed
again, user only needs to write to byte 11 and 12 unless the system is to reboot.
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
d
e
v
r
e
s
e
R
6
t
i
BX
d
e
v
r
e
s
e
R
5
t
i
BX
d
e
v
r
e
s
e
R
4
t
i
BX
d
e
v
r
e
s
e
R
3
t
i
BX
d
e
v
r
e
s
e
R
2
t
i
BX
d
e
v
r
e
s
e
R
1
t
i
BX
d
e
v
r
e
s
e
R
0
t
i
BX
d
e
v
r
e
s
e
R
Byte 19: Reserved Register
Note: Byte 19 and 20 are reserved registers, these are
unused registers writing to these registers will not
affect device performance or functinality.
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
d
e
v
r
e
s
e
R
6
t
i
BX
d
e
v
r
e
s
e
R
5
t
i
BX
d
e
v
r
e
s
e
R
4
t
i
BX
d
e
v
r
e
s
e
R
3
t
i
BX
d
e
v
r
e
s
e
R
2
t
i
BX
d
e
v
r
e
s
e
R
1
t
i
BX
d
e
v
r
e
s
e
R
0
t
i
BX
d
e
v
r
e
s
e
R
Byte 20: Reserved Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com