Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4970
Description  Audio Synchronized Color LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4970 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4970 Datasheet HTML 1Page - National Semiconductor (TI) LM4970 Datasheet HTML 2Page - National Semiconductor (TI) LM4970 Datasheet HTML 3Page - National Semiconductor (TI) LM4970 Datasheet HTML 4Page - National Semiconductor (TI) LM4970 Datasheet HTML 5Page - National Semiconductor (TI) LM4970 Datasheet HTML 6Page - National Semiconductor (TI) LM4970 Datasheet HTML 7Page - National Semiconductor (TI) LM4970 Datasheet HTML 8Page - National Semiconductor (TI) LM4970 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
ESD Susceptibility (Note 12)
100V
Junction Temperature
150˚C
Thermal Resistance
θ
JA (SDA14A)
57˚C/W
θ
JC (SDA14A)
12˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V (Note 13)
2.5V
≤ I2CV
DD
≤ 5.5V
Control Interface Electrical Characteristics (Notes 1, 2)
The following specifications apply for 3V
≤ V
DD
≤ 5V unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4970
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7, 8)
t
1
SCL period
2.5
µs (min)
t
2
SDA Setup Time
100
ns (min)
t
3
SDA Stable Time
0
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition Time
100
ns (min)
V
IH
Digital Input High Voltage
0.7 x I
2CV
DD
V (min)
V
IL
Digital Input Low Voltage
0.3 x I
2CV
DD
V (max)
Color LED Driver Electrical Characteristics V
DD = 5.0V (Notes 1, 2, 9)
The following specifications apply for V
DD = 5.0V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4970
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7, 8)
I
DDRGB
Supply Curent
2.5
4
mA (max)
I
SDRGB
Shutdown Current
Shutdown Mode
1.5
3.5
µA (max)
I
LED
LED Drive Current
.66X current drive setting
14
mA
1X current drive setting
21
mA
1.33X current drive setting
30
mA
2X current drive setting
42
23
mA (min)
f
PWM
PWM Frequency
PWM_F<1:0> = ’01’
60
Hz
Input Signal Level Gain Control
Maximum setting
12
dB
Minimum setting
–11
dB
Color LED Driver Electrical Characteristics V
DD = 3.0V (Notes 1, 2, 9)
The following specifications apply for V
DD = 3.0V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4970
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7, 8)
I
DDRGB
Supply Curent
2.2
3
mA (max)
I
SDRGB
Shutdown Current
Shutdown Mode
0.5
2
µA (max)
I
LED
LED Drive Current
.66X current drive setting
12
mA
1X current drive setting
18
mA
1.33X current drive setting
27
mA
2X current drive setting
35
21
mA (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com