Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4970
Description  Audio Synchronized Color LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4970 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4970 Datasheet HTML 6Page - National Semiconductor (TI) LM4970 Datasheet HTML 7Page - National Semiconductor (TI) LM4970 Datasheet HTML 8Page - National Semiconductor (TI) LM4970 Datasheet HTML 9Page - National Semiconductor (TI) LM4970 Datasheet HTML 10Page - National Semiconductor (TI) LM4970 Datasheet HTML 11Page - National Semiconductor (TI) LM4970 Datasheet HTML 12Page - National Semiconductor (TI) LM4970 Datasheet HTML 13Page - National Semiconductor (TI) LM4970 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information (Continued)
TABLE 5. Pattern Select Register
Data Bit
Bit Name
Default Value
Condition
Function
PSO
I
2C_SEL
0
0
Enables LED drivers to be controlled by audio
synchronization
1
Enables LED drivers to be controlled through
I
2C
PS1
I
2C_LED1
0
0
Disables the LED1 driver, if I
2C_SEL is set
1
Enables the LED1 driver, if I
2C_SEL is set
PS2
I
2C_LED2
0
0
Disables the LED2 driver, if I
2C_SEL is set
1
Enables the LED2 driver, if I
2C_SEL is set
PS3
I
2C_LED3
0
0
Disables the LED3 driver, if I
2C_SEL is set
1
Enables the LED3 driver, if I
2C_SEL is set
PS4
RSVD
0
0
RESERVED
1
RESERVED
TABLE 6. Current Select Register
Data Bit
Bit Name
Default
Value
Condition
Function
CSO
ILED1_0
0
0
Programs the current drive of the LED1 driver. Current drive for
LED1 is set as follows:
1
ILED1<1:0>
Current Drive Setting
CS1
ILED1_1
1
0
00
0.66X
01
1X
1
10
1.33X
11
2X
CS2
ILED2_0
0
0
Programs the current drive of the LED2 driver. Current drive for
LED2 is set as follows:
1
ILED2<1:0>
Current Drive Setting
CS3
ILED2_1
1
0
00
0.66X
01
1X
1
10
1.33X
11
2X
CS4
ILED3_0
0
0
Programs the current drive of the LED3 driver. Current drive for
LED3 is set as follows:
1
ILED3<1:0>
Current Drive Setting
CS5
ILED3_1
1
0
00
0.66X
01
1X
1
10
1.33X
11
2X
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com