Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4970
Description  Audio Synchronized Color LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4970 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4970 Datasheet HTML 1Page - National Semiconductor (TI) LM4970 Datasheet HTML 2Page - National Semiconductor (TI) LM4970 Datasheet HTML 3Page - National Semiconductor (TI) LM4970 Datasheet HTML 4Page - National Semiconductor (TI) LM4970 Datasheet HTML 5Page - National Semiconductor (TI) LM4970 Datasheet HTML 6Page - National Semiconductor (TI) LM4970 Datasheet HTML 7Page - National Semiconductor (TI) LM4970 Datasheet HTML 8Page - National Semiconductor (TI) LM4970 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4970
Audio Synchronized Color LED Driver
General Description
The LM4970 is a LED driver with an audio synchronization
mode that virtually eliminates the need for real time software
processing for LED lighting effects. The LM4970 includes
three individual PWM color LED drivers that provide up to
42mA of current drive for each PWM LED output.
The LM4970 features an audio synchronization mode where
the audio input signal that is mixed in from three audio inputs
is filtered into three frequency bands, with each frequency
band assigned to a specific PWM LED driver.
The PWM LED drivers can also be directly programmed
through an I
2C compatible interface for applications where
user defined LED pattern, color, and intensity programmabil-
ity is a priority.
The LM4970 also features an audio input gain control which
allows the user to increase the gain if the audio input signal
does not create a bright enough effect on the LEDs. The
LM4970 is a feature rich LED driver that is available in a
space saving 14 pin non-pullback LLP package.
Key Specifications
j LED Drive Current per channel
V
DD = 5V
42mA (2X setting)
j Shutdown Current, VDD = 5V
1.5µA (typ)
Features
n
Audio synchronized color LED driver
n
User defined LED pattern, color, and intensity capability
n
Programmable:
LED Drive current
PWM frequency
High pass filter frequency select
Audio input signal gain
n
Eliminates external LED current limiting resistors
n
I
2C compatible interface
n
Ultra low shutdown current
Applications
n
Cell Phones
n
Portable MP3, CD, DVD, AAC players
n
PDA’s
Block Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
20121201
FIGURE 1. Block Diagram
February 2005
© 2005 National Semiconductor Corporation
DS201212
www.national.com


Similar Part No. - LM4970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LM4970 TI2-LM4970 Datasheet
1Mb / 19P
LM4970 Audio Synchronized Color LED Driver
REVISED MAY 2013
LM4970SD/NOPB TI1-LM4970SD/NOPB Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LM4970SD/NOPB TI2-LM4970SD/NOPB Datasheet
1Mb / 19P
LM4970 Audio Synchronized Color LED Driver
REVISED MAY 2013
LM4970SD/NOPB.A TI2-LM4970SD/NOPB.A Datasheet
1Mb / 19P
LM4970 Audio Synchronized Color LED Driver
REVISED MAY 2013
More results

Similar Description - LM4970

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
Intelligent three-color LED driver
logo
National Semiconductor ...
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
AUDIO MODULATED LED DRIVER
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
6-Channel Color LED Driver with Audio Synchronization
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
Non-Synchronized White LED Driver Evaluation Board
logo
Bright Power Semiconduc...
BP5912A BPS-BP5912A Datasheet
226Kb / 2P
Color Temperature Switch LED Driver
BP5912B BPS-BP5912B Datasheet
226Kb / 2P
Color Temperature Switch LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com