Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4970
Description  Audio Synchronized Color LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4970 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4970 Datasheet HTML 7Page - National Semiconductor (TI) LM4970 Datasheet HTML 8Page - National Semiconductor (TI) LM4970 Datasheet HTML 9Page - National Semiconductor (TI) LM4970 Datasheet HTML 10Page - National Semiconductor (TI) LM4970 Datasheet HTML 11Page - National Semiconductor (TI) LM4970 Datasheet HTML 12Page - National Semiconductor (TI) LM4970 Datasheet HTML 13Page - National Semiconductor (TI) LM4970 Datasheet HTML 14Page - National Semiconductor (TI) LM4970 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
TABLE 7. Gain Select Register
Data Bit
Bit Name
Default
Value
Condition
Function
GSO
MGAIN0
0
0
Programs the gain response of the midband audio synchronized filter
which drives the LED2 PWM color LED driver for the midband audio
frequencies. Gain is set as follows:
1
GS1
MGAIN1
1
0
MGAIN<2:0>
Midband Filter Gain
1
GS2
MGAIN2
0
0
000
minimum
1
001
low
010
medium
011
high
100
maximum
GS3
SGAIN0
0
0
Programs the audio gain of the input summing amplifier. Gain is set
as follows:
1
SGAIN<2:0>
Input Signal Gain
GS4
SGAIN1
1
0
000
–11dB
1
001
–6.5dB
GS5
SGAIN2
0
0
010
0dB
011
3.5dB
1
100
6dB
101
10dB
110
12dB
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com