Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4970
Description  Audio Synchronized Color LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4970 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4970 Datasheet HTML 5Page - National Semiconductor (TI) LM4970 Datasheet HTML 6Page - National Semiconductor (TI) LM4970 Datasheet HTML 7Page - National Semiconductor (TI) LM4970 Datasheet HTML 8Page - National Semiconductor (TI) LM4970 Datasheet HTML 9Page - National Semiconductor (TI) LM4970 Datasheet HTML 10Page - National Semiconductor (TI) LM4970 Datasheet HTML 11Page - National Semiconductor (TI) LM4970 Datasheet HTML 12Page - National Semiconductor (TI) LM4970 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Information (Continued)
TABLE 3. Mode Select Register
Data Bit
Bit Name
Default Value
Condition
Function
MSO
I
2C_SD
1
0
Enables device power up mode
1
Enables device shutdown mode
MS1
I
2C_RST
0
0
Enables device normal operation
1
Enables device RESET, excluding the I
2C
register settings
MS2
RAND
1
0
Disables the audio synchronization randomizer
1
Enables the audio synchronization randomizer
MS3
RSVD
0
0
RESERVED
1
MS4
RSVD
0
0
RESERVED
1
TABLE 4. Frequency Select Register
Data Bit
Bit Name
Default
Value
Condition
Function
FSO
PWM_FO
0
0
Programs the oscillation frequency of the PWM. PWM oscillation
frequency is set as follows:
1
PWM_F<1:0>
PWM Frequency
FS1
PWM_F1
0
0
00
15kHz
01
60Hz
1
10
7Hz
11
4Hz
FS2
RSVD
0
0
RESERVED
1
FS3
HPF_FO
0
0
Programs the internal high pass filter cutoff frequency. High pass
filter cutoff frequency is set as follows:
1
FS4
HPF_F1
1
0
HPF_F<1:0>
High Pass Filter Cutoff Frequency
1
00
3.5kHz
01
6.3kHz
10
6.3kHz
11
8.9kHz
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com