Electronic Components Datasheet Search
  English  ▼

X  

MAX4198ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
_______________Detailed Description
The MAX4198/MAX4199 are precision low-power differ-
ential amplifiers with factory-trimmed internal gain-set-
ting resistors. The MAX4198 is trimmed to a gain of
+1V/V and the MAX4199 is trimmed to a gain of +10V/V.
Input Stage
The
Functional Diagram shows the internal structure of
the MAX4198/MAX4199. Although the resistors are pre-
cision matched, their absolute value varies by ±25%.
The typical input impedance for the MAX4198 is 50k
Ω
for the noninverting input and 25k
Ω for the inverting
input. The typical input impedance for the MAX4199 is
275k
Ω for the noninverting input and 25kΩ for the
inverting input.
The common-mode inputs of the internal op amp can
range from VEE to (VCC - 1.1V). Although the inputs to
the internal op amp are not rail-to-rail, the internal resis-
tors form a voltage divider that extends the input com-
mon-mode range beyond-the-rails for the MAX4198.
The overall input range of the MAX4198 extends 100mV
beyond-the-rails without adversely affecting common-
mode rejection or undergoing phase reversal (VCC =
5V). The MAX4199 input common-mode range extends
from 100mV below the negative rail to (VCC - 1V) (see
the Input Common-Mode Voltage Range vs. Supply
Voltage graph in the
Typical Operating Characteristics).
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
_______________________________________________________________________________________
9
-0.5
1.5
0.5
4.5
3.5
2.5
7.5
6.5
5.5
24
3
5678
MAX4199
INPUT COMMON-MODE RANGE vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VREF = VCC/2
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ to VCC / 2, V SHDN = VCC - 1.5V, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p,
TA = +25°C, unless otherwise noted.)
-0.5
1.5
0.5
4.5
3.5
2.5
7.5
6.5
5.5
8.5
24
3
5678
MAX4198
INPUT COMMON-MODE RANGE vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VREF = VCC/2
Pin Description
Feedback Resistor. Can be used as a sense input.
FB
5
Amplifier Output
OUT
6
Positive Supply Voltage
VCC
7
Shutdown Control. Shutdown threshold is referenced to VCC. When pulled 2.5V below VCC, part
is in shutdown.
SHDN
8
Negative Supply Voltage
VEE
4
Noninverting Input
IN+
3
PIN
Inverting Input
IN-
2
Reference Voltage Input. Offsets output voltage.
REF
1
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com