Electronic Components Datasheet Search
  English  ▼

X  

MAX4198ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4198ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
_______________________________________________________________________________________
7
10k
10
1
1k
10k
100
10
100k
VOLTAGE NOISE DENSITY
vs. FREQUENCY
100
1k
FREQUENCY (Hz)
MAX4198
MAX4199
1.000
0
100
1k
10k
TOTAL HARMONIC DISTORTION
VOLTAGE NOISE vs. FREQUENCY
0.010
0.001
0.100
FREQUENCY (Hz)
MAX4199
MAX4198
50
µs/div
SMALL-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc12
50
µs/div
MAX4199
SMALL-SIGNAL PULSE RESPONSE
INPUT
5mV/div
OUTPUT
50mV/div
MAX4198toc13
50
µs/div
MAX4198
LARGE-SIGNAL PULSE RESPONSE
INPUT
500mV/div
OUTPUT
500mV/div
MAX4198toc14
50
µs/div
MAX4199
LARGE-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
500mV/div
MAX4198toc15
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ to VCC / 2, V SHDN = VCC - 1.5V, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p,
TA = +25°C, unless otherwise noted.)
50
µs/div
MAX4198
SMALL-SIGNAL PULSE RESPONSE
WITH CAPACITIVE LOAD
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc16
CL = 690pF
50
µs/div
MAX4198
SMALL-SIGNAL PULSE RESPONSE
WITH EXCESSIVE CAPACITIVE LOAD
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc17
CL = 1060pF
RISO = 0Ω
50
µs/div
MAX4198
SMALL-SIGNAL PULSE RESPONSE WITH
EXCESSIVE CAPACITIVE LOAD
AND ISOLATION RESISTOR
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc18
CL = 1060pF
RISO = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com