Electronic Components Datasheet Search
  English  ▼

X  

MAX4198ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4198ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, VEE = 0V, RL = 25kΩ to VCC / 2, V SHDN = VCC - 1.5V, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p,
TA = +25°C, unless otherwise noted.)
35
37
36
39
38
41
40
42
44
43
45
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
10
-15
35
60
85
MAX4198
MAX4199
100k
1M
0.1k
3
2
1
0
-1
-2
-3
-4
-5
-6
1k
10k
FREQUENCY (Hz)
MAX4198
SMALL-SIGNAL GAIN vs. FREQUENCY
100k
1M
0.1k
1k
10k
MAX4199
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
3
2
1
0
-1
-2
-3
-4
-5
-6
-10
-130
-110
1
10
100
1k
10k
100k
POWER-SUPPLY REJECTION vs.
FREQUENCY
-90
FREQUENCY (Hz)
-70
-50
-30
MAX4199
MAX4198
-120
-110
-100
-90
-80
-70
-60
COMMON-MODE REJECTION vs.
TEMPERATURE
TEMPERATURE (°C)
-40
10
-15
35
60
85
MAX4198
MAX4199
0
-120
-100
10
100
1k
10k
100k
1M
COMMON-MODE REJECTION vs.
FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
MAX4199
MAX4198
800
-1000
0.1
100
10
1
OUTPUT VOLTAGE HIGH AND LOW vs.
LOAD RESISTANCE
-400
-800
400
0
1000
-200
-600
600
200
LOAD (k
Ω)
MAX4199
VOH - VCC
VOL - VEE
MAX4198
MAX4199
MAX4198
-40
10
-15
35
60
85
-100
-50
0
50
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
MAX4199
MAX4198
-40
10
-15
35
60
85
-0.014
-0.008
-0.010
-0.012
-0.006
0
-0.004
-0.002
0.004
0.002
0.008
0.006
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
MAX4199
MAX4198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com