Electronic Components Datasheet Search
  English  ▼

X  

MAX4198ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4198ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
________________________________________________________________
Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX4198/MAX4199 low-power, Rail-to-Rail® differ-
ential amplifiers are ideal for single-supply applications
that benefit from a low 0.01% gain error. The MAX4198
is factory trimmed to a fixed gain of +1V/V, and the
MAX4199 is trimmed to a fixed gain of +10V/V. Capable
of operating from a single +2.7V to +7.5V supply or
from dual ±1.35V to ±3.75V supplies, they consume
only 42µA while achieving -3dB bandwidths of 175kHz
(MAX4198) and 45kHz (MAX4199). These amplifiers
feature a shutdown mode that reduces the supply cur-
rent to 6.5µA.
The MAX4198/MAX4199 can drive 5k
Ω loads to within
100mV from each rail. The standard differential amplifi-
er configurations provide common-mode rejection of
90dB for the MAX4198 and 110dB for the MAX4199.
The input common-mode voltage range for the
MAX4198 extends 100mV Beyond-the-Rails™.
The MAX4198/MAX4199 are offered in a space-saving
8-pin µMAX package. For complete micropower, rail-to-
rail instrumentation amplifiers, see the MAX4194–
MAX4197 data sheet.
Applications
Instrumentation Amplifier Building Block
Differential Voltage Amplifiers
Data-Acquisition Systems
Portable/Battery-Powered Equipment
Transducer Interface
Current-Sense Amplifiers
Features
o Low 0.01% Gain Error
o High Common-Mode Rejection: 110dB (MAX4199)
o 10µV Input Offset Voltage (MAX4199)
30µV Input Offset Voltage (MAX4198)
o +2.7V to +7.5V Single-Supply Operation
o 42µA Supply Current
o 175kHz (MAX4198) and 45kHz (MAX4199)
-3dB Bandwidth
o 6.5µA Shutdown Current
o Rail-to-Rail Outputs Drive 5k
Ω Loads
o Input Voltage Range Extends 100mV Beyond-the-
Rails (MAX4198)
o Available in Space-Saving 8-Pin µMAX Package
OUT
FB
VEE
1
2
8
7
SHDN
VCC
IN-
IN+
REF
µMAX/SO
TOP VIEW
3
4
6
5
MAX4198
MAX4199
19-1445; Rev 0; 4/99
PART
MAX4198EUA
MAX4198ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
8 µMAX
8 SO
Pin Configuration
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Beyond-the-Rails is a trademark of Maxim Integrated Products.
GAIN
(V/V)
1
1
MAX4199EUA
MAX4199ESA
10
-40°C to +85°C
-40°C to +85°C
8 µMAX
8 SO
10
MAX4198
MAX4199
VCC
25k (250k)
25k
25k (250k)
25k
7
VEE
( ) ARE FOR MAX4199 ONLY.
5 FB
IN-
IN+
2
3
OUT
REF
6
1
4
Functional Diagram


Similar Part No. - MAX4198ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198ESA MAXIM-MAX4198ESA Datasheet
227Kb / 12P
Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4198ESA MAXIM-MAX4198ESA Datasheet
256Kb / 12P
Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
More results

Similar Description - MAX4198ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
MAX4198 MAXIM-MAX4198 Datasheet
227Kb / 12P
Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4198 MAXIM-MAX4198_04 Datasheet
256Kb / 12P
Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
logo
Intersil Corporation
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com