Electronic Components Datasheet Search
  English  ▼

X  

MAX4198ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4198ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAX4199EUA
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX4199 (+5V Supply)
(VCC = +5V, VEE = 0V, RL = 25kΩ tied to VCC / 2, VREF = VCC / 2, V SHDN = VCC - 1.5V, typical values are at TA = +25°C,
TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
±2
±10
VEE + 0.1V ≤
VOUT ≤ VCC -
0.1V
MAX4199ESA
Guaranteed by CMR test
VCM = VCC / 2,
TA = +25°C
Sink/source
V
RL = 5kΩ, ±10mV input overdrive
VEE - 0.1
VCC - 1.0
RL = 25kΩ, ±10mV input overdrive
f = 0.1Hz to 10Hz
f = 10kHz
RL = 25kΩ, VEE + 0.1V ≤
VOUT ≤ VCC - 0.1V
VCM = VEE - 0.1V
to VCC - 1.0V
f = 100Hz
f = 10Hz
Single supply
MAX4199ESA
MAX4199EUA
RL = 5kΩ, VEE + 0.2V ≤
VOUT ≤ VCC - 0.2V
+2.7V
≤ VCC ≤ +7.5V, VCM = +1.5V,
VREF = +1.5V, RL = 25kΩ to +1.5V
CONDITIONS
MAX4199EUA
600
Gain Temperature Coefficient
ppm/°C
±1
±5
0.1
VEE + 0.1V ≤ VOUT ≤ VCC - 0.1V
Nonlinearity
%
±0.0003
±0.01
±0.3
%
±0.01
±0.3
mA
±5.5
Short-Circuit Current
VOUT = 2Vp-p
VEE + 0.2
VEE + 0.1 to
to VCC - 0.2
VCC - 0.1
Output Voltage Swing
V
VEE + 0.1 VEE + 0.02 to
to VCC - 0.1 VCC - 0.02
Gain Error
µVRMS
6.6
Input Noise Voltage
nV
√Hz
38
CL
Capacitive Load Stability
pF
40
45
VOUT ≤ 0.1Vp-p, VCM = VCC / 2
SR
60
BW-3dB
-3dB Bandwidth
kHz
Slew Rate
V/µs
dB
90
120
PSR
Power-Supply Rejection
VIN
Input Voltage Range (Note 2)
±1.35
±3.75
VCM = VEE - 0.1V to VCC - 1.0V, f = 60Hz
2.7
7.5
dB
110
CMRAC
dB
84
110
CMRDC
DC Common-Mode Rejection
k
Ω
275
RIN
AC Common-Mode Rejection
25
Input Resistance
V
VCC
Supply Voltage Range (Note 2)
±0.25
±3
µV/°C
±0.75
±15
TCO
Input Offset Voltage Drift
275
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IN+ differential mode
IN- differential mode
Common-mode
37
VOUT = 2Vp-p step
ts
Settling Time to 0.1%
µs
0.001
VOUT = 2Vp-p, f = 1kHz
THD
Total Harmonic Distortion
%
6.5
12
VSHDN = VIL
45
55
VCM = VCC / 2, VIN+ = VIN-
ICC
Supply Current
µA
I SHDN
Shutdown Supply Current
µA
80
110
MAX4199EUA
MAX4199ESA
TA = +25°C,
VCM = VCC / 2
TA = TMIN to TMAX,
VCM = VCC / 2
±500
±100
±600
±10
±300
µV
±1475
VOS
Input Offset Voltage
MAX4199ESA
MAX4199EUA
MAX4199ESA
MAX4199EUA
Dual supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com