Electronic Components Datasheet Search
  English  ▼

X  

ML2722 Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML2722 Datasheet HTML 17Page - Micro Linear Corporation ML2722 Datasheet HTML 18Page - Micro Linear Corporation ML2722 Datasheet HTML 19Page - Micro Linear Corporation ML2722 Datasheet HTML 20Page - Micro Linear Corporation ML2722 Datasheet HTML 21Page - Micro Linear Corporation ML2722 Datasheet HTML 22Page - Micro Linear Corporation ML2722 Datasheet HTML 23Page - Micro Linear Corporation ML2722 Datasheet HTML 24Page - Micro Linear Corporation ML2722 Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ML2722
DS2722-F-05
FINAL DATASHEET
DECEMBER 2003
21
DATA BIT
NAME
DESCRIPTION
USE
B15 (MSB) / DB13
Reserved
Reserved
B14 / DB12
Reserved
Reserved
B13 / DB11
Reserved
Reserved
B12 / DB10
Reserved
Reserved
B11 / DB9
Reserved
Reserved
B10 / DB8
Reserved
Reserved
B9 / DB7
Reserved
Reserved
B8 / DB6
Reserved
Reserved
Set all bits to 0 (zero)
B7 / DB5
TPC
Transmit Power Control
0: TPC pin high impedance
1: TPC pin pulled to ground
B6 / DB4
TXCL
Transmit Test Mode
0: FSK modulation in Transmit mode
1: CW (no modulation in Transmit mode)
B5 / DB3
LOL
PLL Frequency Shift
0: LO shift is 0 Hz for Transmit, 1.024 MHz for Receive
1: LO shift is 1.024 MHz for Transmit, 0 Hz for Receive
B4 / DB2
RXCL
PLL Mode in Normal Receive
Operation
0: PLL open loop during Receive
1: PLL closed loop during Receive
B3 / DB1
RD0
Reference Frequency Select
0: 6.144MHz nominal reference frequency
1: 12.288MHz nominal reference frequency
B2 / DB0
QPP
PLL Charge Pump Polarity
0: Freq. sig. < freq. ref.; Charge pump sources current
1: Freq. sig. < freq. ref.; Charge pump sinks current
B1 / ADB1
ADR1
MSB Address Bit
ADR1 = 0
B0 (LSB) / ADB0
ADR0
LSB Address Bit
ADR0 = 0
Table 4. Register 0 -- PLL Configuration Register
DATA BIT
NAME
DESCRIPTION
USE
B15 (MSB) / DB13
Reserved
B14 / DB12
Reserved
Set all bits to 0 (zero)
B13 / DB11
CHQ11
B12 / DB10
CHQ10
B11 / DB9
CHQ9
B10 / DB8
CHQ8
B9 / DB7
CHQ7
B8 / DB6
CHQ6
B7 / DB5
CHQ5
B6 / DB4
CHQ4
B5 / DB3
CHQ3
B4 / DB2
CHQ2
B3 / DB1
CHQ1
B2 / DB0
CHQ0
Channel Frequency select bits
Divide ratio = fc / 0.512
B1 / ADB1
ADR1
MSB Address Bit
ADR1 = 0
B0 (LSB) / ADB0
ADR0
LSB Address Bit
ADR0 = 1
Table 5. Register 1 – Channel Frequency Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com