Electronic Components Datasheet Search
  English  ▼

X  

ML2722 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2722 Datasheet HTML 1Page - Micro Linear Corporation ML2722 Datasheet HTML 2Page - Micro Linear Corporation ML2722 Datasheet HTML 3Page - Micro Linear Corporation ML2722 Datasheet HTML 4Page - Micro Linear Corporation ML2722 Datasheet HTML 5Page - Micro Linear Corporation ML2722 Datasheet HTML 6Page - Micro Linear Corporation ML2722 Datasheet HTML 7Page - Micro Linear Corporation ML2722 Datasheet HTML 8Page - Micro Linear Corporation ML2722 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ML2722
DS2722-F-05
FINAL DATASHEET
DECEMBER 2003
4
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
VDD, VCC5.................................................................................................................................................................6.0 V
VSS, GND..............................................................................................................................................................0 ± 0.3V
Junction Temperature ............................................................................................................................................... 150°C
Storage Temperature Range.......................................................................................................................-65°C to 150°C
Lead Temperature (Soldering, 10s) .......................................................................................................................... 260°C
OPERATING CONDITIONS
Normal Temperature Range..........................................................................................................................-10°C to 60°C
VCC5 Range................................................................................................................................................... 2.7V to 4.5V
Thermal Resistance (
θJA) .................................................................................................................................... 100°C/W
VDD Range (VCC5 = VDD) ............................................................................................................................ 2.7V to 4.5V
Unless otherwise specified, VCC5 & VDD = 2.7V to 3.8V, TA = Operating Temperature Range (Note 1) 6.144 or
12.288MHz reference frequency input
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER CONSUMPTION
ISTBY
All Circuits, Standby Mode
10
100
µA
IRX, ITX
Receive or Transmit Mode
TA = 25°C, VCC5 & VDD = 3.3V
30
50
63.5
mA
IRX, ITX
Receive or Transmit Mode
TA = Operating Temperature Range
20
50
70
mA
SYNTHESIZER
fC
LO output frequency
In 512 KHz steps
902
928
MHz
ΦN
Phase noise at driver output
1.2 MHz
3 MHz
>7 MHz
VCO phase locked, loop bandwidth
50KHz. Discontinuities, other than
reference spurs, not allowed.
-100
-120
-125
dBc/Hz
fREF
LO PLL reference frequency at
phase detector
PLL main divider input is at 1.83 GHz
1.024
MHz
N
LO division range integer
PLL divider limits
1024
4093
Count
IP
LO charge pump sink/source
current
5.5
mA
tTX2RX
LO lock up time for
Transmit/Receive frequency
change
From RXON asserted
50
µs
tFH
LO lock up time for channel
switch
From EN asserted, any channel
change in 902 to 928 MHz band
100
µs
tWAKE
LO lock up time from sleep
From XCEN, PLL dividers
programmed
240
µs
VFREF
Reference signal input level
6.144 or 12.288MHz sine wave,
capacitively coupled
2.0
3.0
Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com