Electronic Components Datasheet Search
  English  ▼

X  

ML2722 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML2722 Datasheet HTML 9Page - Micro Linear Corporation ML2722 Datasheet HTML 10Page - Micro Linear Corporation ML2722 Datasheet HTML 11Page - Micro Linear Corporation ML2722 Datasheet HTML 12Page - Micro Linear Corporation ML2722 Datasheet HTML 13Page - Micro Linear Corporation ML2722 Datasheet HTML 14Page - Micro Linear Corporation ML2722 Datasheet HTML 15Page - Micro Linear Corporation ML2722 Datasheet HTML 16Page - Micro Linear Corporation ML2722 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ML2722
DS2722-F-05
FINAL DATASHEET
DECEMBER 2003
13
FUNCTIONAL DESCRIPTION
The ML2722 enables the design and manufacture of low-cost, high-performance FSK transceivers. It can also be used
as a 900MHz digital cordless telephone transceiver. Integral to the ML2722 is a low-IF receiver whose LO port is driven
from an internal synthesizer. Included are image rejection IF filters, limiters, discriminator, data slicers, and baseband
low-pass data filters. It also contains internal voltage regulators to protect critical circuits from power supply noise and
transmit modulation circuits.
The ML2722 is designed to transmit and receive 1.536M chips per second in 2.048MHz spaced channels in the 902 to
928MHz ISM band. A single synthesizer is used for both the receiver and the FSK transmitter. The phase locked loop
(PLL) is completely integrated, including the voltage controlled oscillator (VCO), tuning circuits, and VCO resonator.
The ML2722 has an internal control interface that programs the synthesizer, the mode of operation, the external LNA
and PA, and provides a convenient and flexible interface to various baseband processors. For power level monitoring
an RSSI block is included.
In RECEIVE MODE, the ML2722 is a single conversion low IF receiver. The demodulation is followed by a matched bit
rate filter and a data slicer. The sliced data is provided to a baseband chip for despreading. All channel filtering and
demodulation is performed using active filters, which are automatically aligned. A matched bit rate filter and a data
slicer follow the demodulator. The sliced data is provided at the DOUT pin.
In TRANSMIT MODE, the ML2722 uses the Receive mode VCO and frequency division, with a driver amplifier
providing typically -1 dBm output to feed the power amplifier. The PLL frequency synthesizer loop is opened during the
transmit time slot, and the VCO is directly modulated by low-pass filtered circuits from the internal modulation filter.
The ML2722 uses multiple voltage regulators to protect sensitive internal circuits from power supply noise. Separate
regulators supply the PLL dividers, RF circuits and IF circuits. Each of these regulators takes its power from VCC5, and
supplies power internally to its respective RVCCn pin. External capacitors are required at each RVCCn pin to decouple
the outputs of the internal regulators. The VCO regulator takes its power from the VCC2 pin which is normally
connected to the RVCC6 (pin 27) or RVCC7 (pin 29). An external decoupling capacitor is also used on the internal
bandgap voltage reference to improve the noise performance of the regulators.
The integrated PLL frequency synthesizer includes a fully integrated VCO, prescaler, phase detector and charge pump.
The reference frequency is generated from the incoming signal at the REF pin, which can be either 6.144MHz or
12.288MHz. The loop filter is external to allow customers to optimize their loop bandwidth to their system’s lock time
and in-band phase noise requirements. This frequency-agile synthesizer allows the ML2722 to be used in frequency
hopped spread spectrum (FHSS) applications with nominal channel spacing of 2.048MHz. Carrier frequency is
programmed via the configuration registers and 3-wire serial interface. The VCO tank circuit (inductor and varactor) is
fully integrated.
Example 38KHz Loop Filter
2.2nF
470
Ω
22nF
RVCC3
QPO
VTUNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com