Electronic Components Datasheet Search
  English  ▼

X  

ML2722 Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML2722 Datasheet HTML 19Page - Micro Linear Corporation ML2722 Datasheet HTML 20Page - Micro Linear Corporation ML2722 Datasheet HTML 21Page - Micro Linear Corporation ML2722 Datasheet HTML 22Page - Micro Linear Corporation ML2722 Datasheet HTML 23Page - Micro Linear Corporation ML2722 Datasheet HTML 24Page - Micro Linear Corporation ML2722 Datasheet HTML 25Page - Micro Linear Corporation ML2722 Datasheet HTML 26Page - Micro Linear Corporation ML2722 Datasheet HTML 27Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ML2722
DS2722-F-05
FINAL DATASHEET
DECEMBER 2003
23
REGISTER #0, PLL CONFIGURATION
PLL Charge Pump Polarity (QPP): DB0
This bit sets the charge pump polarity to sink or source current. For a majority of applications, this bit is cleared (QPP =
0). For applications where an external amplifier is in the loop filter, this bit is set to 1 to change the charge pump polarity
(see Table 7).
QPP
PLL CHARGE PUMP POLARITY
0
Frequency signal < frequency reference. Charge pump sources current.
1
Frequency signal < frequency reference. Charge pump sinks current.
Table 7. PLL Charge Pump Polarity
Reference Divide Bit Zero (RD0): DB1
This bit sets the reference division of the PLL to either 6 or 12 (see Table 8).
RD0
REFERENCE DIVISION
NOMINAL REFERENCE FREQUENCY
0
6
6.144 MHz
1
12
12.288 MHz
Table 8. Reference Frequency Select
Receive Closed Loop Bit (RXCL): DB2
This bit is used in Receive mode to put the PLL into either open loop or closed loop (see Table 9).
RXCL
RECEIVE PLL MODE
0
PLL open loop
1
PLL closed loop
Table 9. PLL Mode in Normal Receive Operation
PLL Frequency Shift Bit (LOL): DB3
LO shift for transmit and receive. For normal operations, it is recommended that LOL = 0 (see Table 10).
LOL
LO SHIFT FOR TRANSMIT
LO SHIFT FOR RECEIVE
0
0
+1.024 MHz
1
+1.024 MHz
0
Table 10. PLL Frequency Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com