Electronic Components Datasheet Search
  English  ▼

X  

ML2722 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2722 Datasheet HTML 1Page - Micro Linear Corporation ML2722 Datasheet HTML 2Page - Micro Linear Corporation ML2722 Datasheet HTML 3Page - Micro Linear Corporation ML2722 Datasheet HTML 4Page - Micro Linear Corporation ML2722 Datasheet HTML 5Page - Micro Linear Corporation ML2722 Datasheet HTML 6Page - Micro Linear Corporation ML2722 Datasheet HTML 7Page - Micro Linear Corporation ML2722 Datasheet HTML 8Page - Micro Linear Corporation ML2722 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ML2722
900MHz Low-IF 1.5Mbps FSK Transceiver
Final Datasheet
DS2722-F-05
DECEMBER 2003
GENERAL DESCRIPTION
The ML2722 is a fully integrated 1.5Mbps frequency
shift keyed (FSK) transceiver that operates in the
unlicensed 900MHz ISM frequency band. The device
has been optimized for digital cordless telephone
applications and includes all the frequency generation,
receive and transmit functions. Automatically adjusted
filters eliminate mechanical tuning. The transmitter
generates a -1 dBm FSK output signal. The single
conversion Low-IF receiver has all the sensitivity and
selectively
advantages
of
a
traditional
super-
heterodyne without requiring costly, bulky external
filters, while providing the integration advantages of
direct conversion.
The phase locked loop (PLL) synthesizer is completely
integrated, including the voltage controlled oscillator
(VCO), tuning circuits, and VCO resonator. This allows
the ML2722 to be used in frequency hopped spread
spectrum (FHSS) applications.
The ML2722 contains internal voltage regulation. It also
contains PLL and transmitter configuration registers.
The device can be placed in a low power standby mode
for current sensitive applications. It is packaged in a
32TQFP.
PIN CONFIGURATION
VCC5
TRFO
RVCC4
RRFI
GND
GND
GND
GND
1
2
3
4
5
6
7
8
9
10111213141516
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
XCEN
RXON
PAON
EN
DATA
CLK
TPC/TPQ
VSS
ORDERING INFORMATION
PART NUMBER TEMPERATURE RANGE
PACKAGE
PUBLICATION
ML2722DH
-10
oC to +60 oC
32 Pin TQFP 7mm body
DS2722-F-05
FEATURES
§
Single chip ISM band 900MHz Radio Transceiver
with -1 dBm transmit output power
§
1.5Mbps maximum data rate
§
Typical receiver sensitivity: -95dBm at 12.5% CER
§
Fully integrated frequency synthesizer with internal
VCO resonator
§
Automatic filter calibration: Requires no mechanical
tuning adjustments during manufacturing
§
Low IF Receiver: No external IF filters required
§
Control outputs correctly sequence and control
external PA
§
3-wire control interface
§
Analog RSSI output
APPLICATIONS
§
900MHz FSK Data Transceivers
-
Digital Cordless Phones
-
Wireless Streaming Media
-
Wireless PC Peripherals
BLOCK DIAGRAM


Similar Part No. - ML2722

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722DH MICRO-LINEAR-ML2722DH Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722DH-T MICRO-LINEAR-ML2722DH-T Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
More results

Similar Description - ML2722

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
Low Power FM/FSK IF IC
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
900MHz HumDTTM Series Transceiver
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com