Electronic Components Datasheet Search
  English  ▼

X  

MPC7450EC Datasheet(PDF) 33 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 29Page - Motorola, Inc MPC7450EC Datasheet HTML 30Page - Motorola, Inc MPC7450EC Datasheet HTML 31Page - Motorola, Inc MPC7450EC Datasheet HTML 32Page - Motorola, Inc MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
33
Pinout Listings for the 483 CBGA Package
OVDD
B3, C5, C7, C10, D2, E3, E9, F5, G3, G9, H7,
J5, K3, L7, M5, N3, P7, R4, T3, U5, U7, U11,
U15, V3, V9, V13, Y2, Y5, Y7, Y10, Y17, Y19,
AA4, AA15
—
—
N/A
PLL_CFG[0:3]
A2, F7, C2, D4
High
Input
BVSEL
PLL_EXT
H8
High
Input
BVSEL
PMON_IN
E6
Low
Input
BVSEL
10
PMON_OUT
B4
Low
Output
BVSEL
QACK
K7
Low
Input
BVSEL
QREQ
Y1
Low
Output
BVSEL
SHD[0:1]
L4, L8
Low
I/O
BVSEL
8
SMI
G8
Low
Input
BVSEL
SRESET
G1
Low
Input
BVSEL
SYSCLK
D6
—
Input
BVSEL
TA
N8
Low
Input
BVSEL
TBEN
L3
High
Input
BVSEL
TBST
B7
Low
Output
BVSEL
TCK
J7
High
Input
BVSEL
TDI
E4
High
Input
BVSEL
7
TDO
H1
High
Output
BVSEL
TEA
T1
Low
Input
BVSEL
TEST[0:5]
B10, H6, H10, D8, F9, F8
—
Input
BVSEL
2
TEST[6]
A9
—
Input
BVSEL
9
TMS
K4
High
Input
BVSEL
7
TRST
C1
Low
Input
BVSEL
7, 14
TS
P5
Low
I/O
BVSEL
8
TSIZ[0:2]
L1,H3,D1
High
Output
BVSEL
TT[0:4]
F1, F4, K8, A5, E1
High
I/O
BVSEL
WT
L2
Low
Output
BVSEL
8
Table 15. Pinout Listing for the MPC7450, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select1
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com