Electronic Components Datasheet Search
  English  ▼

X  

MPC7450EC Datasheet(PDF) 26 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 22Page - Motorola, Inc MPC7450EC Datasheet HTML 23Page - Motorola, Inc MPC7450EC Datasheet HTML 24Page - Motorola, Inc MPC7450EC Datasheet HTML 25Page - Motorola, Inc MPC7450EC Datasheet HTML 26Page - Motorola, Inc MPC7450EC Datasheet HTML 27Page - Motorola, Inc MPC7450EC Datasheet HTML 28Page - Motorola, Inc MPC7450EC Datasheet HTML 29Page - Motorola, Inc MPC7450EC Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
26
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Figure 11 shows the typical connection diagram for the MPC7450 interfaced to PB2 SRAMs, such as the
Motorola MCM63R737, or Late Write SRAMs, such as the Motorola MCM63R836A.
Figure 11. Typical Synchronous 1-MByte L3 Cache Late Write or PB2 Interface
L3_ADDR[0:17]
L3_CNTL[0]
SA[0:17]
K
K
SS
SW,
ZZ
G
SRAM 0
DQ[0:17]
DQ[18:36]
L3_CNTL[1]
GVDD/2
GND
GND
SBWa, SBWb,
SBWc, SBWd
SRAM 1
GVDD/2
GND
GND
{L3_DATA[0:15],
{L3_DATA[16:31],
{L3_DATA[32:47],
L3_CLK[0]
L3_CLK[1]
L3_ECHO_CLK[0]
L3_ECHO_CLK[1]
L3_ECHO_CLK[2]
{L3_DATA[48:63],
L3_DP[0:1]}
L3_DP[2:3]}
L3_DP[4:5]}
L3_DP[6:7]}
Denotes
Receive (SRAM
to MPC7450)
Aligned Signals
MPC7450
Denotes
Transmit
(MPC7450 to
SRAM)
Aligned Signals
L3_ECHO_CLK[3]
SA[0:17]
K
K
SS
SW,
ZZ
G
DQ[0:17]
DQ[18:36]
SBWa, SBWb,
SBWc, SBWd
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com