Electronic Components Datasheet Search
  English  ▼

X  

MPC7450EC Datasheet(PDF) 38 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 38 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc MPC7450EC Datasheet HTML 38Page - Motorola, Inc MPC7450EC Datasheet HTML 39Page - Motorola, Inc MPC7450EC Datasheet HTML 40Page - Motorola, Inc MPC7450EC Datasheet HTML 41Page - Motorola, Inc MPC7450EC Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
System Design Information
1.9.2
PLL Power Supply Filtering
The AVDD power signal is provided on the MPC7450 to provide power to the clock generation PLL. To
ensure stability of the internal clock, the power supplied to the AVDD input signal should be filtered of any
noise in the 500 kHz to 10 MHz resonant frequency range of the PLL. A circuit similar to the one shown in
Figure 20 using surface mount capacitors with minimum effective series inductance (ESL) is recommended.
The circuit should be placed as close as possible to the AVDD pin to minimize noise coupled from nearby
circuits. It is often possible to route directly from the capacitors to the AVDD pin, which is on the periphery
of the 360 CBGA footprint and very close to the periphery of the 483 CBGA footprint, without the
inductance of vias.
Figure 20. PLL Power Supply Filter Circuit
1.9.3
Power Supply Voltage Sequencing
The notes in Table 2 contain cautions about the sequencing of the external bus voltages and core voltage of
the MPC7450 (when they are different). These cautions are necessary for the long-term reliability of the
part. If they are violated, the electrostatic discharge (ESD) protection diodes will be forward-biased and
excessive current can flow through these diodes. If the system power supply design does not control the
voltage sequencing, the circuit shown in Figure 21 can be added to meet these requirements. The 30BF10
5502
275
220
183
157
138
110
92
6002
300
240
200
171
150
120
100
6502
325
260
217
186
163
130
108
6662
333
266
222
190
167
133
111
7002
350
280
233
200
175
140
117
7332
367
293
244
209
183
147
122
Notes:
1. The core and L3 frequencies are for reference only. Some examples may represent core or L3 frequencies which
are not useful, not supported, or not tested for the MPC7450; see Section 1.5.2.3, “L3 Clock AC Specifications,” for
valid L3_CLK frequencies. (Shaded cells do not comply with Table 10.)
2. These core frequencies are not supported by all speed grades; see Table 8.
Table 17. Sample Core-to-L3 Frequencies (continued)
Core Frequency (MHz)
÷2
÷2.5
÷3
÷3.5
÷4
÷5
÷6
VDD
AVDD
10
Ω
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com