Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 32 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 32 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 28Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 29Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 30Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 31Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 32Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 33Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 34Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 35Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 36Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32/41
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
0
100
200
300
400
500
-40
-30
-20
-10
0
10
20
30
40
S12
S22
S11
S21
Frequency (MHz)
Parameter
Symbol
Unit
Frequency (MHz)
50
300
Power Gain
Gp
dB
18.0
17.5
Noise Figure
NF
dB
1.0
1.1
Input Return Loss
RLin
dB
-15
-16
Output Return Loss
RLout
dB
-18
-20
1
dB
Gain
Compression
Output Power
Po(1dB)
dBm
16.5
17.0
3rd Intercept Point
Output Power1)
OIP3
dBm
27
29
Circuit Current
Id
mA
65
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
IF
50 ~ 300 MHz
+8 V
Board Layout (FR4, 24x16 mm2, 0.8T)
Bottom
Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com