Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 40 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 40 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 33Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 34Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 35Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 36Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 37Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 38Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 39Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 40Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 41Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40/41
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
AST20S
High Gain, Low Noise Amplifier
Freq
(Hz)
Fmin
(dB)
opt
(Mag.)
opt
(Ang.)
Rn/50
0.5e+9
0.03
0.86
-46.3
0.07
1e+9
0.22
0.41
-12.3
0.07
1.5e+9
0.28
0.47
50.8
0.07
2e+9
0.4
0.38
56.7
0.08
2.5e+9
0.52
0.29
73.5
0.08
3e+9
0.54
0.31
90.9
0.08
4e+9
0.48
0.35
111.6
0.08
5e+9
0.71
0.43
130.1
0.07
6e+9
0.83
0.46
139.7
0.07
7e+9
0.82
0.54
148
0.07
8e+9
1.15
0.58
152.5
0.06
9e+9
1.3
0.59
156.1
0.07
10e+9
1.41
0.63
159.7
0.06
Freq
(Hz)
Fmin
(dB)
opt
(Mag.)
opt
(Ang.)
Rn/50
0.5e+9
0
0.87
-48.4
0.07
1e+9
0.18
0.38
-18.6
0.06
1.5e+9
0.18
0.45
62.7
0.06
2e+9
0.27
0.34
58.4
0.08
2.5e+9
0.48
0.26
74.3
0.07
3e+9
0.54
0.29
93.2
0.07
4e+9
0.5
0.33
114.7
0.08
5e+9
0.72
0.42
133
0.07
6e+9
0.83
0.45
142.3
0.07
7e+9
0.84
0.53
150
0.06
8e+9
1.15
0.56
154.2
0.06
9e+9
1.32
0.58
157.6
0.07
10e+9
1.42
0.63
161.1
0.06
Noise Parameters
VDS = +3 V, IDS = 30 mA
VDS = +3 V, IDS = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com