Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 33 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 33 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 29Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 30Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 31Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 32Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 33Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 34Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 35Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 36Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 37Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33/41
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Parameter
Symbol
Unit
Frequency (MHz)
50
500
810
Power Gain
Gp
dB
18.7
17.8
17.7
Noise Figure
NF
dB
1.0
1.3
1.2
Input Return Loss
RLin
dB
-20
-9
-12
Output Return Loss
RLout
dB
-11
-14
-18
1
dB
Gain
Compression
Output Power
Po(1dB)
dBm
12
13
13
3rd Intercept Point
Output Power1)
OIP3
dBm
24.5
26.0
25.0
Circuit Current
Id
mA
28
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Wide Band
50 ~ 810 MHz
+4.5 V
Board Layout (FR4, 24x16 mm2, 0.8T)
Bottom
Top
0
200
400
600
800
1000
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
S11
S22
freq (50.00MHz to 810.0MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com