Electronic Components Datasheet Search
  English  ▼

X  

SM5866AS Datasheet(PDF) 22 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 22 Page - Nippon Precision Circuits Inc

Back Button SM5866AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—22
PCM mode (D-Mode) Dynamics Characteristics (Under Measurement Condition in page 9)
Figure 22. 0dB input FFT
(with 1kHz notch filter 32768 pts. 8 average)
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
Figure 23. 0dB input FFT
(with 1kHz notch filter 32768 pts. 8 average)
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10k
100k
20k
30k
40k
50k
60k
70k
80k
90k
Hz
d
B
r
A
Figure 24.
−60dB input FFT (32768 pts. 8 average)
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
d
B
r
A
Figure 25. THD
+ N vs. frequency
-120
-80
-118
-116
-114
-112
-110
-108
-106
-104
-102
-100
-98
-96
-94
-92
-90
-88
-86
-84
-82
d
B
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
Figure 26. THD
+ N (%) vs. amplitude
0.0001
1
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
%
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
dBFS
Figure 27. THD
+ N (dB) vs. amplitude
-120
-70
-117.5
-115
-112.5
-110
-107.5
-105
-102.5
-100
-97.5
-95
-92.5
-90
-87.5
-85
-82.5
-80
-77.5
-75
-72.5
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
d
B
r
A
Figure 28. Linearity
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
d
B
r
A
Figure 29. Frequency response
-1
+1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
+0
+0.1
+0.2
+0.3
+0.4
+0.5
+0.6
+0.7
+0.8
+0.9
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
d
B
r
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com