Electronic Components Datasheet Search
  English  ▼

X  

SM5866AS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5866AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—4
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = CVSS = AVSSA = AVSSB = 0 V, DVDD = CVDD = AVDDA = AVDDB
Recommended Operating Conditions
DVSS = CVSS = AVSSA = AVSSB = 0 V, DVDD = CVDD = AVDDA = AVDDB
Note: DVDD, CVDD, AVDDA, AVDDB are connected on the LSI substrate, and so the same potential should be applied to these inputs.
DC Electrical Characteristics
Recommended operating conditions apply unless otherwise noted.
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, CVDD, AVDDA, AVDDB
−0.3 to 7.0
V
Input voltage range1
1. Pins TSTN, SDI, SBCKA, SBCKD, RSTN, DI, BCKI, WCKI, BCPOL, DSPOL, IMD0, IMD1.
Note: Rating applies at power-ON and power-OFF.
VIN1
DVSS
− 0.3 to DVDD + 0.3
V
Storage temperature range
TSTG
−55 to 125
°C
Power dissipation
PD
250
mW
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, CVDD, AVDDA, AVDDB
4.5 to 5.5
V
Supply voltage differential
DVDD – CVDD, DVDD – AVDDA,
DVDD – AVDDB, CVDD – AVDDA,
CVDD – AVDDB, AVDDA – AVDDB,
DVSS – CVSS, DVSS – AVSSA,
DVSS – AVSSB, CVSS – AVSSA,
CVSS – AVSSB, AVSSA – AVSSB
±0.1
V
Operating temperature range
TOPR
−40 to 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD, CVDD, AVDDA, AVDDB
current consumption1
1. all outputs have no load. Input data is an NPC test pattern.
IDD
fCKI = 22.5792 MHz
–
13
18
mA
fCKI = 45.1584 MHz
–
25
32
mA
CKI HIGH-level input voltage
VIHC
0.7
× DVDD
–
–
V
CKI LOW-level input voltage
VILC
–
–
0.3
× DVDD
V
CKI input voltage
VINAC
AC coupling
1.0
–
–
Vp-p
HIGH-level input voltage2
2. Pins TSTN, SDI, SBCKA, SBCKD, RSTN, DI, BCKI, WCKI, BCPOL, DSPOL, IMD0, IMD1.
VIH
2.4
–
–
V
LOW-level input voltage2
VIL
–
–
0.5
V
HIGH-level output voltage3
3. Pin TO.
VOH
IOH = −1 mA
DVDD
− 0.4
–
–
V
LOW-level output voltage3
VOL
IOL = 1 mA
–
–
0.4
V
CKI HIGH-level input current
IIHC
VIN = DVDD
20
60
120
µA
CKI LOW-level input current
IILC
VIN = 0 V
20
60
120
µA
LOW-level input current2
IIL1
VIN = 0 V
–
9
18
µA
HIGH-level input leakage current2
IIH1
VIN = DVDD
–
–
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com