Electronic Components Datasheet Search
  English  ▼

X  

SM5866AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5866AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—1
D/A Converter for DSD and PCM
OVERVIEW
The SM5866AS is a D/A converter compatible with
both the DSD SACD signal format and the PCM
CD/DVD-Audio and similar formats. DSD employs
a 1-bit data stream, from a high-order
∆Σ conversion
at 64fs (fs = 44.1kHz), that contains high-level quan-
tization noise in the high-frequency band above
20kHz. The SM5866AS, in DSD reproduction, has a
DSD-dedicated FIR digital filter that attenuates the
DSD quantization noise in the digital domain, and
the resulting multi-level signal is D/A converted. In
PCM reproduction, an oversampled PCM signal
input, provided using a SM5847AF or similar digital
filter, is converted to a multi-level signal by the 3rd-
order noise shaper and then the multi-level signal is
D/A converted.
FEATURES
I
Mono-channel multi-level D/A converter
I
High performance analog characteristics
• DSD mode (typical values)
- THD + N: –109dB (0.00036%)
- D.R: 115dB
• PCM mode (typical values)
- THD+N: –106dB (0.00050%)
- D.R: 112dB
I
2 selectable DSD digital filters
I
PCM input mode
• 24-bit, MSB-first, right-justified
• 8-times or 4-times oversampling of fs = 16k to
192kHz
I
System clock (CKI)
Maximum operating frequency: fCKI (max)
• 37.0MHz (note 1)
• 45.4MHz (note 2)
I
DSD mode fs = fCKI/512
• typ. fs = 44.1kHz
• max. fs = 52.7kHz (note 1)
• max. fs = 88.7kHz (note 2)
I
PCM mode system clock
• 192/256/384/512/768fs
I
Operating voltage: 4.5 to 5.5V
I
Operating temperature: –40 to 85
°C
I
Package: 28-pin SOP
I
Molybdenum-gate CMOS process
(note 1) Under the operating conditions 1: 4.5 to 5.5V, –40 to 85
°C
(note 2) Under the operating conditions 2: 4.75 to 5.25V, –40 to 70
°C
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.60g
Device
Package
SM5866AS
28-pin SOP
1
15
28
14
TSTN
TO
DVDD
SDI
SBCKA
SBCKD
RSTN
IMD1
IMD0
AVSSA
RA
IOUTA
IOUTAN
AVDDA
DI
AVDDB
BCKI
WCKI
DVSS
BCPOL
RB
IOUTB
IOUTBN
AVSSB
DSPOL
CVDD
CVSS
CKI
1.095TYP
18.7 ± 0.3
1.27
0.4 ± 0.1
0.12 M
0.10
0.15 − 0.05
+ 0.1
0 to 10


Similar Part No. - SM5866AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
Digital Audio D/A Converter
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
D/A Converter
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
D/A Converter for Digital Audio
More results

Similar Description - SM5866AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5816AF NPC-SM5816AF Datasheet
72Kb / 4P
6-channel DSD-PCM Converter
SM5819HQF NPC-SM5819HQF Datasheet
199Kb / 18P
6-channel DSD-PCM Converter
SM5816AF NPC-SM5816AF_06 Datasheet
303Kb / 27P
6-channel DSD-PCM Converter
SM5819AF NPC-SM5819AF Datasheet
253Kb / 18P
6-channel DSD-PCM Converter
logo
Rohm
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7861KN ROHM-BU7861KN_10 Datasheet
318Kb / 14P
Mixer & Selector IC with PCM CODEC and 16bit D/A Converter
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Asahi Kasei Microsystem...
AK4137 AKM-AK4137 Datasheet
1Mb / 65P
32bit SRC with PCM/DSD conversion
AK4137EQ AKM-AK4137EQ Datasheet
1Mb / 65P
32bit SRC with PCM/DSD conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com